Electronic Components Datasheet Search
  English  ▼

X  

ADRF5301 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5301
Description  Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5301 Datasheet(HTML) 6 Page - Analog Devices

  ADRF5301 Datasheet HTML 1Page - Analog Devices ADRF5301 Datasheet HTML 2Page - Analog Devices ADRF5301 Datasheet HTML 3Page - Analog Devices ADRF5301 Datasheet HTML 4Page - Analog Devices ADRF5301 Datasheet HTML 5Page - Analog Devices ADRF5301 Datasheet HTML 6Page - Analog Devices ADRF5301 Datasheet HTML 7Page - Analog Devices ADRF5301 Datasheet HTML 8Page - Analog Devices ADRF5301 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADRF5301
Preliminary Technical Data
Rev. PrB | Page 6 of 9
TYPICAL PERFORMANCE CHARACTERICS
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3 V, VCTRL = 0 V or VDD, TCASE = 25°C, 50 Ω system, unless otherwise noted. Measured on the probe matrix board using ground-
signal-ground (GSG) probes close to the RF pins.
Figure 5. Insertion Loss vs. Frequency, RF1 Selected
Figure 6. Isolation vs. Frequency, RF1 Selected
Figure 7. Return Loss vs. Frequency, RF1 Selected
Figure 8. Insertion Loss vs. Frequency, RF2 Selected
Figure 9. Isolation vs. Frequency, RF2 Selected
Figure 10. Return Loss vs. Frequency, RF2 Selected
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
35
36
37
38
39
40
41
42
43
44
FREQUENCY (GHz)
–40
–35
–30
–25
–20
–15
–10
–5
0
35
36
37
38
39
40
41
42
43
44
FREQUENCY (GHz)
RFC TO RF2
RF1 TO RF2
–40
–35
–30
–25
–20
–15
–10
–5
0
35
36
37
38
39
40
41
42
43
44
FREQUENCY (GHz)
RFC
RF1
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
35
36
37
38
39
40
41
42
43
44
FREQUENCY (GHz)
–40
–35
–30
–25
–20
–15
–10
–5
0
35
36
37
38
39
40
41
42
43
44
FREQUENCY (GHz)
RFC TO RF1
RF2 TO RF1
–40
–35
–30
–25
–20
–15
–10
–5
0
35
36
37
38
39
40
41
42
43
44
FREQUENCY (GHz)
RFC
RF2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com