Electronic Components Datasheet Search
  English  ▼

X  

ADRF5301 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5301
Description  Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5301 Datasheet(HTML) 7 Page - Analog Devices

  ADRF5301 Datasheet HTML 1Page - Analog Devices ADRF5301 Datasheet HTML 2Page - Analog Devices ADRF5301 Datasheet HTML 3Page - Analog Devices ADRF5301 Datasheet HTML 4Page - Analog Devices ADRF5301 Datasheet HTML 5Page - Analog Devices ADRF5301 Datasheet HTML 6Page - Analog Devices ADRF5301 Datasheet HTML 7Page - Analog Devices ADRF5301 Datasheet HTML 8Page - Analog Devices ADRF5301 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Technical Data
ADRF5301
Rev. PrB | Page 7 of 9
THEORY OF OPERATION
The ADRF5301 integrates a negative voltage generator (NVG)
and requires a single positive supply voltage applied to the VDD
pin. Bypassing capacitors are recommended on the supply line
to minimize RF coupling.
All of the RF ports (RFC, RF1, and RF2) are dc-coupled to 0 V,
and no dc blocking is required at the RF ports when the RF line
potential is equal to 0 V. The RF ports are internally matched to
50 Ω. Therefore, external matching networks are not required.
The ADRF5301 integrates a driver to perform logic functions
internally and to provide the user with the advantage of a simplified
control interface. The driver features a single digital control
input pin, CTRL, which controls the state of the RF paths. The
logic level applied to the CTRL pin determines which RF port is
in the insertion loss state while the other path is in the isolation
state (see Table 5).
Table 5. Control Voltage Truth Table
Digital Control Input
RF Paths
CTRL
RF1 to RFC
CTRL
High
Insertion loss (on)
Isolation (off)
Low
Isolation (off)
Insertion loss (on)
The insertion loss path conducts the RF signal between the
selected RF throw port and the RF common port. The switch
design is bidirectional with equal power handling capabilities.
The RF input signal can be applied to the RFC port or the
selected RF throw port. The isolation paths provide high loss
between the insertion loss path and the unselected RF throw
port that is reflective.
The ideal power-up sequence is as follows:
1. Connect GND reference.
2. Power up supply input VDD.
3. Apply digital control input CTRL. Applying the CTRL
control before applying the VDD supply inadvertently forward
biases and damages the internal ESD protection structures. To
avoid this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pin. Use pull-up or pull-down resistors
if the controller output is in a high impedance state after VDD
is powered up and the control pins are not driven to a valid
logic state
4. Apply RF input signal.
The ideal power-down sequence is the reverse order of the
power-up sequence.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com