Electronic Components Datasheet Search
  English  ▼

X  

ADRF5547 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5547
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5547 Datasheet HTML 1Page - Analog Devices ADRF5547 Datasheet HTML 2Page - Analog Devices ADRF5547 Datasheet HTML 3Page - Analog Devices ADRF5547 Datasheet HTML 4Page - Analog Devices ADRF5547 Datasheet HTML 5Page - Analog Devices ADRF5547 Datasheet HTML 6Page - Analog Devices ADRF5547 Datasheet HTML 7Page - Analog Devices ADRF5547 Datasheet HTML 8Page - Analog Devices ADRF5547 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADRF5547
Data Sheet
Rev. A | Page 4 of 15
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS
SWCTRL-ChAB, PD-ChAB
Low (VIL)
0
0.7
V
High (VIH)2
1.4
VDD
V
BP-ChA, BP-ChB
Low (VIL)
0
0.3
V
High (VIH)2
1.0
VDD
V
SUPPLY CURRENT (IDD)
VDD1-ChA, VDD1-ChB, VDD2-ChA, and VDD2-ChB =
5 V per channel
High Gain Mode
86
mA
Low Gain Mode
36
mA
Power-Down Mode
12
mA
Transmit Current (Switch)
SWVDD-ChAB = 5 V
4.3
mA
DIGITAL INPUT CURRENTS
SWCTRL-ChAB, PD-ChAB, BP-ChA, BP-ChB =
5 V per channel
SWCTRL-ChAB
0.0004
mA
PD-ChAB
0.2
mA
BP-ChA, BP-ChB
0.4
mA
1
See Table 5 and Table 6.
2
VDD (shown in the maximum column) is the voltage of the SWVDD-ChAB, VDD1-ChA, VDD1-ChB, VDD2-ChA, and VDD2-ChB pins.
3
Measured at the exposed pad (EPAD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com