Electronic Components Datasheet Search
  English  ▼

X  

ADRF5547 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5547
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5547 Datasheet HTML 3Page - Analog Devices ADRF5547 Datasheet HTML 4Page - Analog Devices ADRF5547 Datasheet HTML 5Page - Analog Devices ADRF5547 Datasheet HTML 6Page - Analog Devices ADRF5547 Datasheet HTML 7Page - Analog Devices ADRF5547 Datasheet HTML 8Page - Analog Devices ADRF5547 Datasheet HTML 9Page - Analog Devices ADRF5547 Datasheet HTML 10Page - Analog Devices ADRF5547 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
ADRF5547
Rev. A | Page 7 of 15
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
GND
RxOUT-ChA,
RxOUT-ChB
VDD
Figure 4. RxOUT-ChA and RxOUT-ChB Interface Schematic
GND
GND
VDD1-ChA, VDD1-ChB,
VDD2-ChA, and VDD2-ChB
CLAMP
Figure 5. VDD1-ChA, VDD1-ChB, VDD2-ChA, and VDD2-ChB
Interface Schematic
GND
GND
PD-ChAB,
BP-ChA,
BP-ChB
CLAMP
Figure 6. PD-ChAB, BP-ChA, and BP-ChB Interface Schematic
GND
GND
CLAMP
SWCTRL-ChAB
SWVDD-ChAB
Figure 7. SWCTRL-ChAB, SWVDD-ChAB Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com