Electronic Components Datasheet Search
  English  ▼

X  

ADRF6601 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6601
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6601 Datasheet HTML 20Page - Analog Devices ADRF6601 Datasheet HTML 21Page - Analog Devices ADRF6601 Datasheet HTML 22Page - Analog Devices ADRF6601 Datasheet HTML 23Page - Analog Devices ADRF6601 Datasheet HTML 24Page - Analog Devices ADRF6601 Datasheet HTML 25Page - Analog Devices ADRF6601 Datasheet HTML 26Page - Analog Devices ADRF6601 Datasheet HTML 27Page - Analog Devices ADRF6601 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 24 of 32
EVALUATION BOARD
Figure 50 shows the schematic of the RoHS-compliant evaluation
board for the ADRF6604. This board has four layers and was
designed using Rogers 4350 hybrid material to minimize high
frequency losses. FR4 material is also adequate if the design can
accept the slightly higher trace loss of this material.
The evaluation board is designed to operate using the internal
VCO of the device (the default configuration) or using an external
VCO. To use an external VCO, R62 and R12 should be removed.
Place 0 Ω resistors in R63 and R11. The input of the external
VCO should be connected to the VTUNE SMA connector, and
the external VCO output should be connected to the LO IN/OUT
SMA connector. In addition to these hardware changes, internal
register settings must be changed to enable operation with an
external VCO (see the Register 6—VCO Control and VCO
Enable (Default: 0x1E2106) section).
Additional configuration options for the evaluation board are
described in Table 10.
EVALUATION BOARD CONTROL SOFTWARE
Software to program the ADRF6604 is available for download
from the ADRF6604 product page under the Evaluation Boards
& Kits section. To install the software
1. Download and extract the zip file:
ADRF6x0x_customer_6p0p0_install.zip file.
2. Follow the instructions in the read me file.
The evaluation board can be connected to the PC using a PC
parallel port or a USB port. These options are selectable from the
opening menu of the software interface (see Figure 48). The
evaluation board is shipped with a 25-pin parallel port cable
for connection to the PC parallel port.
To connect the evaluation board to a USB port, a USB adapter board
(EVAL-ADF4XXXZ-USB) must be purchased from Analog Devices.
This board connects to the PC using a standard USB cable with
a USB mini-connector at one end. An additional 25-pin male to
9-pin female adapter is required to mate the EVAL-ADF4XXXZ-
USB board to the 9-pin D-Sub connector on the ADRF6604
evaluation board.
Figure 48. Control Software Opening Menu
Figure 49 shows the main window of the control software with
the default settings displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com