Electronic Components Datasheet Search
  English  ▼

X  

ADRF6601 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6601
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6601 Datasheet HTML 24Page - Analog Devices ADRF6601 Datasheet HTML 25Page - Analog Devices ADRF6601 Datasheet HTML 26Page - Analog Devices ADRF6601 Datasheet HTML 27Page - Analog Devices ADRF6601 Datasheet HTML 28Page - Analog Devices ADRF6601 Datasheet HTML 29Page - Analog Devices ADRF6601 Datasheet HTML 30Page - Analog Devices ADRF6601 Datasheet HTML 31Page - Analog Devices ADRF6601 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 28 of 32
EVALUATION BOARD CONFIGURATION OPTIONS
Table 10.
Component
Description
Default Condition/
Option Settings
S1, R55, R56, R33
LO select. Switch and resistors to ground the LODRV_EN pin. The LODRV_EN pin setting, in
combination with internal register settings, determines whether the LOP and LON pins
function as inputs or outputs (see the LO Selection Logic section for more information).
S1 = R55 = open
(not installed),
R56 = R33 = 0 Ω,
LODRV_EN = 0 V
LO IN/OUT
SMA Connector
LO input/output. An external 1× LO or 2× LO can be applied to this single-ended input
connector.
LO input
REFIN
SMA Connector
Reference input. The input reference frequency for the PLL is applied to this connector.
Input impedance is 50 Ω.
REFOUT
SMA Connector
Multiplexer output. The REFOUT connector connects directly to the MUXOUT pin. The
on-board multiplexer can be programmed to bring out the following signals: REFIN, 2×
REFIN, REFIN/2, and REFIN/4; temperature sensor output voltage; and lock detect indicator.
Lock detect
CP Test Point
Charge pump test point. The unfiltered charge pump signal can be probed at this test
point. Note that the CP pin should not be probed during critical measurements, such as
phase noise.
R37, C14, R9, R10,
C15, C13, R65, C40
Loop filter. Loop filter components.
R11, R12
Loop filter return. When the internal VCO is used, the loop filter components should be
returned to the DECLVCO pin (Pin 40) by installing a 0 Ω resistor in R12. When an external
VCO is used, the loop filter components can be returned to ground by installing a 0 Ω
resistor in R11.
R12 = 0 Ω (0402),
R11 = open (0402)
R62, R63, VTUNE
SMA Connector
Internal vs. external VCO. When the internal VCO is enabled, the loop filter components are
connected directly to the VTUNE pin (Pin 39) by installing a 0 Ω resistor in R62. To use an
external VCO, R62 should be left open. A 0 Ω resistor should be installed in R63, and the
voltage input of the VCO should be connected to the VTUNE SMA connector. The output of
the VCO is brought back into the PLL via the LO IN/OUT SMA connector.
R62 = 0 Ω (0402),
R63 = open (0402)
R2
RSET pin. This pin is unused and should be left open.
R2 = open (0402)
RFIN SMA Connector
RF input. The RF input signal should be applied to the RFIN SMA connector. The RF input of
the ADRF6604 is ac-coupled; therefore, no bias is necessary.
R3 = R23 = open (0402)
T3
IF output. The differential IF output signals from the ADRF6604 (IFP and IFN) are converted
to a single-ended signal by T3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com