Electronic Components Datasheet Search
  English  ▼

X  

LM4962 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4962
Description  Ceramic Speaker Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4962 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4962 Datasheet HTML 8Page - National Semiconductor (TI) LM4962 Datasheet HTML 9Page - National Semiconductor (TI) LM4962 Datasheet HTML 10Page - National Semiconductor (TI) LM4962 Datasheet HTML 11Page - National Semiconductor (TI) LM4962 Datasheet HTML 12Page - National Semiconductor (TI) LM4962 Datasheet HTML 13Page - National Semiconductor (TI) LM4962 Datasheet HTML 14Page - National Semiconductor (TI) LM4962 Datasheet HTML 15Page - National Semiconductor (TI) LM4962 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application Information (Continued)
OVER-CURRENT AND OVER-VOLTAGE PROTECTION
FUNCTION
Flagout Pin: The Flagout pin indicates a fault when an over
current or over voltage condition has been detected. The
Flagout pin is high impedance when inactive. When active,
the Flagout pin is pulled down to a 50
Ω short to GND.
Over-Voltage Protection (OVP) Operation: When a volt-
age (Vamp) greater than 8.5V (min) is detected at the
OC/OV Detect pin, the LM4962 indicates a fault by activating
the Flagout pin. The boost converter momentarily shutdown
and reinitialize the soft-start sequence. The Flagout pin will
remain active until both shutdowns pins are pulled low.
Over-Current Protection (OCP) Operation: The OCP cir-
cuitry monitors the voltage across Rocd to detect the output
current of the boost converter. If a voltage greater than
185mV (typ) is detected the device will shutdown and the
Flagout pin will be activated. For the device to return to
normal operation both shutdown pins need to be pulled low
to reset the Flagout pin.
Disable OCP: The Over-Current Protection Circuitry can be
disabled by shorting out R
S. In this configuration the OVP
circuitry is still active.
Disable both OVP and OCP: Both features can be disabled
by grounding the OC/OV Detect pin. In this configuration the
Flagout pin will be inactive.
Timing Diagrams
20142203
FIGURE 4. OCP Timing Diagram
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com