Electronic Components Datasheet Search
  English  ▼

X  

LM4962 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4962
Description  Ceramic Speaker Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4962 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4962 Datasheet HTML 10Page - National Semiconductor (TI) LM4962 Datasheet HTML 11Page - National Semiconductor (TI) LM4962 Datasheet HTML 12Page - National Semiconductor (TI) LM4962 Datasheet HTML 13Page - National Semiconductor (TI) LM4962 Datasheet HTML 14Page - National Semiconductor (TI) LM4962 Datasheet HTML 15Page - National Semiconductor (TI) LM4962 Datasheet HTML 16Page - National Semiconductor (TI) LM4962 Datasheet HTML 17Page - National Semiconductor (TI) LM4962 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application Information (Continued)
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications us-
ing integrated power amplifiers, and switching DC-DC con-
verters, is critical for optimizing device and system perfor-
mance. Consideration to component values must be used to
maximize overall system quality.
The best capacitors for use with the switching converter
portion of the LM4962 are multi-layer ceramic capacitors.
They have the lowest ESR (equivalent series resistance)
and highest resonance frequency, which makes them opti-
mum for high frequency switching converters.
When selecting a ceramic capacitor, only X5R and X7R
dielectric types should be used. Other types such as Z5U
and Y5F have such severe loss of capacitance due to effects
of temperature variation and applied voltage, they may pro-
vide as little as 20% of rated capacitance in many typical
applications. Always consult capacitor manufacturer’s data
curves before selecting a capacitor. High-quality ceramic
capacitors can be obtained from Taiyo-Yuden.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for
low noise performance and high power supply rejection. The
capacitor location on both V1 and V
DD pins should be as
close to the device as possible.
SELECTING INPUT CAPACITOR FOR AUDIO
AMPLIFIER
One of the major considerations is the closedloop bandwidth
of the amplifier. To a large extent, the bandwidth is dictated
by the choice of external components shown in Figure 1. The
input coupling capacitor, C
i, forms a first order high pass filter
which limits low frequency response. This value should be
chosen based on needed frequency response for a few
distinct reasons.
High value input capacitors are both expensive and space
hungry in portable designs. Clearly, a certain value capacitor
is needed to couple in low frequencies without severe at-
tenuation. But ceramic speakers used in portable systems,
whether internal or external, have little ability to reproduce
signals below 100Hz to 150Hz. Thus, using a high value
input capacitor may not increase actual system perfor-
mance.
In addition to system cost and size, click and pop perfor-
mance is affected by the value of the input coupling capaci-
tor, C
i. A high value input coupling capacitor requires more
charge to reach its quiescent DC voltage (nominally 1/2
V
DD). This charge comes from the output via the feedback
and is apt to create pops upon device enable. Thus, by
minimizing the capacitor value based on desired low fre-
quency response, turn-on pops can be minimized.
SELECTING FEEDBACK CAPACITOR FOR AUDIO
AMPLIFIER
The LM4962 is unity-gain stable which gives the designer
maximum system flexability. However, to drive ceramic
speakers, a typical application requires a closed-loop differ-
ential gain of 10. In this case a feedback capacitor (C
f2) will
be needed as shown in Figure 1 to bandwidth limit the
amplifier.
This feedback capacitor creates a low pass filter that elimi-
nates possible high frequency noise. Care should be taken
when calculating the -3dB frequency because an incorrect
combination of R
f and Cf2 will cause rolloff before the de-
sired frequency
SELECTING OUTPUT CAPACITOR (C
O) FOR BOOST
CONVERTER
A single 4.7µF to 10µF ceramic capacitor will provide suffi-
cient output capacitance for most applications. If larger
amounts of capacitance are desired for improved line sup-
port and transient response, tantalum capacitors can be
used. Aluminum electrolytics with ultra low ESR such as
Sanyo Oscon can be used, but are usually prohibitively
expensive. Typical AI electrolytic capacitors are not suitable
for switching frequencies above 500 kHz because of signifi-
cant ringing and temperature rise due to self-heating from
ripple current. An output capacitor with excessive ESR can
also reduce phase margin and cause instability.
In general, if electrolytics are used, we recommended that
they be paralleled with ceramic capacitors to reduce ringing,
switching losses, and output voltage ripple.
SELECTING INPUT CAPACITOR (Cs1) FOR BOOST
CONVERTER
An input capacitor is required to serve as an energy reservoir
for the current which must flow into the coil each time the
switch turns ON. This capacitor must have extremely low
ESR, so ceramic is the best choice. We recommend a
nominal value of 4.7µF, but larger values can be used. Since
this capacitor reduces the amount of voltage ripple seen at
the input pin, it also reduces the amount of EMI passed back
along that line to other circuitry.
SETTING THE OUTPUT VOLTAGE (V
1) OF BOOST
CONVERTER
The output voltage is set using the external resistors R
2 and
R
5 (see Figure 1). A value of approximately 25k
Ω is recom-
mended for R2 to establish the open loop gain of the boost
converter.
V
1 =VFB [1+(R2 /R5)]
(5)
FEED-FORWARD COMPENSATION FOR BOOST
CONVERTER
Although the LM4962’s internal Boost converter is internally
compensated, the external feed-forward capacitor C
f is re-
quired for stability (see Figure 1). Adding this capacitor puts
a zero in the loop response of the converter. The recom-
mended frequency for the zero fz should be approximately
60kHz. C3 can be calculated using the formula:
C
3 =1/(2
π xR
2 x fz)
(6)
SELECTING A SOFT-START CAPACITOR (Css)
The soft-start function charges the boost converter reference
voltage slowly, which allows the output of the boost con-
verter to ramp up slowly thus limiting the transient current at
startup.
Selecting a soft-start capacitor (Css) value presents a trade
off between the wake-up time of the boost converter (T
WUBC)
and the startup transient current. Using a larger capacitor
value will increase wake-up time and decrease startup tran-
sient current; on the flip side, using a smaller capacitor value
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com