Electronic Components Datasheet Search
  English  ▼

X  

ADRF6612 Datasheet(PDF) 52 Page - Analog Devices

Part # ADRF6612
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADRF6612 Datasheet HTML 48Page - Analog Devices ADRF6612 Datasheet HTML 49Page - Analog Devices ADRF6612 Datasheet HTML 50Page - Analog Devices ADRF6612 Datasheet HTML 51Page - Analog Devices ADRF6612 Datasheet HTML 52Page - Analog Devices ADRF6612 Datasheet HTML 53Page - Analog Devices ADRF6612 Datasheet HTML 54Page - Analog Devices ADRF6612 Datasheet HTML 55Page - Analog Devices ADRF6612 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 52 of 57
EVALUATION BOARD
An evaluation board is available for the ADRF6612. The standard
evaluation board schematic is presented in Figure 102. The USB
interface circuitry schematic is presented in Figure 104. The
evaluation board layout is shown in Figure 105 and Figure 106.
The evaluation board is fabricated using Rogers® 3003 material.
Table 50 details the configuration for the mixer characterization.
The evaluation board software is available on the ADRF6612
product page.
Figure 102. Evaluation Board, Main Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com