Electronic Components Datasheet Search
  English  ▼

X  

ADRF6612 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6612
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6612 Datasheet HTML 1Page - Analog Devices ADRF6612 Datasheet HTML 2Page - Analog Devices ADRF6612 Datasheet HTML 3Page - Analog Devices ADRF6612 Datasheet HTML 4Page - Analog Devices ADRF6612 Datasheet HTML 5Page - Analog Devices ADRF6612 Datasheet HTML 6Page - Analog Devices ADRF6612 Datasheet HTML 7Page - Analog Devices ADRF6612 Datasheet HTML 8Page - Analog Devices ADRF6612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 2 of 57
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
RF Specifications .......................................................................... 3
 
Synthesizer/PLL Specifications................................................... 4
 
VCO Specifications, Open-Loop................................................ 7
 
Logic Input and Power Specifications ....................................... 8
 
Digital Logic Specifications......................................................... 9
 
Absolute Maximum Ratings.......................................................... 10
 
Thermal Resistance .................................................................... 10
 
ESD Caution................................................................................ 10
 
Pin Configuration and Function Descriptions........................... 11
 
Typical Performance Characteristics ........................................... 13
 
Mixer, High Performance Mode............................................... 13
 
Mixer, High Efficiency Mode.................................................... 22
 
Synthesizer................................................................................... 23
 
Spurious Performance ............................................................... 29
 
Circuit Description......................................................................... 31
 
RF Subsystem.............................................................................. 31
 
External LO Generation ............................................................ 31
 
Internal LO Generation ............................................................. 31
 
Applications Information .............................................................. 35
 
Basic Connections Pin Description ............................................. 36
 
Mixer Optimization ....................................................................... 37
 
RF Input Balun Insertion Loss Optimization......................... 37
 
IIP3 Optimization ...................................................................... 37
 
VGS Programming..................................................................... 38
 
Low-Pass Filter Programming.................................................. 38
 
Register Summary .......................................................................... 40
 
Register Details ............................................................................... 41
 
Evaluation Board ............................................................................ 52
 
Outline Dimensions ....................................................................... 57
 
Ordering Guide .......................................................................... 57
 
REVISION HISTORY
5/2016—Rev. 0 to Rev. A
Changes to Table 19........................................................................ 32
Changes to Address: 0x22, Reset: 0x000A, Name: VCO_CTRL1
Section and Table 34....................................................................... 45
Updated Outline Dimensions ....................................................... 57
Changes to Ordering Guide .......................................................... 57
12/2014—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com