Electronic Components Datasheet Search
  English  ▼

X  

LM4962TL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4962TL
Description  Ceramic Speaker Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4962TL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4962TL Datasheet HTML 1Page - National Semiconductor (TI) LM4962TL Datasheet HTML 2Page - National Semiconductor (TI) LM4962TL Datasheet HTML 3Page - National Semiconductor (TI) LM4962TL Datasheet HTML 4Page - National Semiconductor (TI) LM4962TL Datasheet HTML 5Page - National Semiconductor (TI) LM4962TL Datasheet HTML 6Page - National Semiconductor (TI) LM4962TL Datasheet HTML 7Page - National Semiconductor (TI) LM4962TL Datasheet HTML 8Page - National Semiconductor (TI) LM4962TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
9.5V
Amplifier Supply Voltage (V
AMP)
9.5V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JA (µSMD) (Note 12)
73˚C/W
See AN-1187 ’Leadless Leadframe Packaging (LLP).’
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX (Note 10)
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
DD)
3.0V < V
DD < 5.0V
Amplifier Supply Voltage (V
1)
(Note 11)
2.7V < V
AMP < 9.0V
Electrical Characteristics
The following specifications apply for V
DD = 3.2V, AV-BTL = 26dB, ZL = 2µF+9.4
Ω, Cb = 1.0µF, R
2 =25K
Ω,R
5 =4.9K
Ω unless
otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4962
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
in Boosted Ringer Mode
V
IN = 0V,
9
12
mA (max)
Iddrcv
Quiescent Power Supply Current
in Receiver Mode
SD Boost = GND
SD Amp = V
DD
3
5
mA (max)
I
SD
Shutdown Current (Note 9)
SD Boost = SD Amp = GND
0.1
2.0
µA (max)
V
LH
Logic High Threshold Voltage
For SD Boost, SD Amp
1.2
V (min)
V
LL
Logic Low Threshold Voltage
For SD Boost, SD Amp
0.4
V (max)
R
PULLDOWN
Pulldown Resistor
For SD Amp, SD Boost
80
60
k
Ω (min)
T
WUBC
Boost Converter Wake-up Time
C
SS = 10nF
2
5
ms (max)
T
WUA
Audio Amplifier Wake-up Time
(For Vdd = 2.7V to 8.5V)
20
40
msec
V
OUT
Output Voltage Swing
THD = 1% (max), f = 1kHz
15
14
Vpp (min)
THD+N
Total Harmonic Distortion + Noise
Vout = 14Vpp, f = 1kHz
0.4
1.0
%
e
OS
Output Noise
A-Weighted Filter, V
IN = 0V
125
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 100Hz,
Input Referred
86
71
dB (min)
Ron-sw-leak
On Resistance on SW-Leak
SD Boost = GND
Isink = 100µA
30
50
Ω (max)
Ron
Flagout On resistance
Isink = 1mA
50
100
Ω (max)
Vovp
Sensitivity of Over Voltage
Protection on V
AMP
Flagout = GND
9.0
9.5
8.5
V (max)
V (min)
Vocp
Sensitivity of Over Current
Protection (Voltage Across R
S)
Flagout = GND
185
275
75
mV (max)
mV (min)
Ileak
Leak Current on Flagout pin
Vflagout = V
DD
2
µA (max)
I
SW
SW Current Limit
2
2.7
A (max)
1.2
A (min)
TSD
Thermal Shutdown Temperature
150
˚C (min)
Vos
Output Offset Voltage
5
25
mV
V
FB
Feedback Voltage
SD Boost = V
DD
SD Amp = V
DD
1.23
1.15
1.31
V (min)
V (max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com