Electronic Components Datasheet Search
  English  ▼

X  

LM4962TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4962TL
Description  Ceramic Speaker Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4962TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4962TL Datasheet HTML 1Page - National Semiconductor (TI) LM4962TL Datasheet HTML 2Page - National Semiconductor (TI) LM4962TL Datasheet HTML 3Page - National Semiconductor (TI) LM4962TL Datasheet HTML 4Page - National Semiconductor (TI) LM4962TL Datasheet HTML 5Page - National Semiconductor (TI) LM4962TL Datasheet HTML 6Page - National Semiconductor (TI) LM4962TL Datasheet HTML 7Page - National Semiconductor (TI) LM4962TL Datasheet HTML 8Page - National Semiconductor (TI) LM4962TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4962
Ceramic Speaker Driver
General Description
The LM4962 is an audio power amplifier primarily designed
for driving Ceramic Speaker for applications in Cell Phones,
Smart Phones, PDA’s and other portable applications. It is
capable of driving 15Vpp (typ) BTL with less than 1%
THD+N from a 3.2V
DC power supply. The LM4962 features
and low power consumption shutdown mode, an internal
thermal shutdown protection mechanism, along with over
current protection (OCP) and over voltage protection (OVP).
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal number of
external components. The LM4962 does not require boot-
strap capacitors, or snubber circuits.
The LM4962 also features a Band-Switch function which
allows the user to use one amplifier device for both receiver
(earpiece) mode and ringer/loudspeaker mode.
The LM4962 contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during
turn-on and turn-off transitions. Additionally, the internal
boost converter features a soft-start function.
The LM4962 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
n
Quiescent Power Supply Current (Boost Converter +
Amplifier)
9mA (typ)
n
Voltage Swing in BTL at 1% THD, f=1KHz
15Vp-p (typ)
n
Shutdown current
0.1µA (typ)
n
OVP
8.5V < V
AMP < 9.5V
Features
n
Pop & click circuitry eliminates noise during turn-on and
turn-off transitions
n
Low current shutdown mode
n
Low quiescent current
n
Mono 15Vp-p BTL output, R
L = 2µF+9.4
Ω, f = 1kHz, 1%
THD+N
n
Over-current protection
n
Over-Voltage Protection
n
Unity-gain stable
n
External gain configuration capability
n
Including Band switch function
n
Leakage cut switch (SW-LEAK)
n
Soft-Start function
n
Space-saving micro SMD package (2mm x 2.5mm)
Applications
n
Smart phones
n
Mobile Phones and Multimedia Terminals
n
PDA’s, Internet Appliances, and Portable Gaming
n
Portable DVD
n
Digital still cameras/camcorders
Boomer® is a registered trademark of National Semiconductor Corporation.
January 2006
© 2006 National Semiconductor Corporation
DS201422
www.national.com


Similar Part No. - LM4962TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4962 TI1-LM4962 Datasheet
926Kb / 23P
Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
Ceramic Speaker Driver
More results

Similar Description - LM4962TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
Fully Differential, Mono, Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
Fully Differential, Mono, Ceramic Speaker Driver
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
Ceramic Speaker Driver
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com