Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 41 Page - Altera Corporation

Part # EP1C3
Description  Cyclone FPGA Family
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 41 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 37Page - Altera Corporation EP1C3 Datasheet HTML 38Page - Altera Corporation EP1C3 Datasheet HTML 39Page - Altera Corporation EP1C3 Datasheet HTML 40Page - Altera Corporation EP1C3 Datasheet HTML 41Page - Altera Corporation EP1C3 Datasheet HTML 42Page - Altera Corporation EP1C3 Datasheet HTML 43Page - Altera Corporation EP1C3 Datasheet HTML 44Page - Altera Corporation EP1C3 Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
Altera Corporation
41
Preliminary Information
Cyclone FPGA Family Data Sheet
Each PLL has one pre-scale divider, n, that can range in value from 1 to 32.
Each PLL also has one multiply divider, m, that can range in value from 2
to 32. Global clock outputs have two post scale G dividers for global clock
outputs, and external clock outputs have an E divider for external clock
output, both ranging from 1 to 32. The Quartus II software automatically
chooses the appropriate scaling factors according to the input frequency,
multiplication, and division values entered.
External Clock Inputs
Each PLL supports single-ended or differential inputs for source-
synchronous receivers or for general-purpose use. The dedicated clock
pins (CLK[3..0]) feed the PLL inputs. These dual-purpose pins can also
act as LVDS input pins. See Figure 25.
Table 11 shows the I/O standards supported by PLL input and output
pins.
For more information on LVDS I/O support, see “LVDS I/O Pins” on
page 59.
External Clock Outputs
Each PLL supports one differential or one single-ended output for source-
synchronous transmitters or for general-purpose external clocks. If the
PLL does not use these PLL_OUT pins, the pins are available for use as
general-purpose I/O pins. The PLL_OUT pins support all I/O standards
shown in Table 11.
Table 11. PLL I/O Standards
I/O Standard
CLK Input
EXTCLK Output
3.3-V LVTTL/LVCMOS
vv
2.5-V LVTTL/LVCMOS
vv
1.8-V LVTTL/LVCMOS
vv
1.5-V LVCMOS
vv
3.3-V PCI
vv
LVDS
vv
SSTL-2 class I
vv
SSTL-2 class II
vv
SSTL-3 class I
vv
SSTL-3 class II
vv
Differential SSTL-2
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com