Electronic Components Datasheet Search
  English  ▼

X  

83C196MH Datasheet(PDF) 1 Page - Intel Corporation

Part # 83C196MH
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C196MH Datasheet(HTML) 1 Page - Intel Corporation

  83C196MH Datasheet HTML 1Page - Intel Corporation 83C196MH Datasheet HTML 2Page - Intel Corporation 83C196MH Datasheet HTML 3Page - Intel Corporation 83C196MH Datasheet HTML 4Page - Intel Corporation 83C196MH Datasheet HTML 5Page - Intel Corporation 83C196MH Datasheet HTML 6Page - Intel Corporation 83C196MH Datasheet HTML 7Page - Intel Corporation 83C196MH Datasheet HTML 8Page - Intel Corporation 83C196MH Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Intel Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in an Intel product. No other circuit patent
licenses are implied. Information contained herein supersedes previously published specifications on these devices from Intel.
© INTEL CORPORATION, 2004
August 2004
Order Number: 272543-003
®
8XC196MH INDUSTRIAL MOTOR CONTROL
CHMOS MICROCONTROLLER
The 8XC196MH is a member of Intel’s family of 16-bit MCS® 96 microcontrollers. It is designed primarily to
control three-phase AC induction and DC brushless motors. It features an enhanced three-phase waveform
generator specifically designed for use in “inverter” motor-control applications. This peripheral provides pulse-
width modulation and three-phase sine wave generation with minimal CPU intervention. It generates three
complementary non-overlapping PWM pulses with resolutions of 0.125 µs (edge triggered) or 0.250 µs
(centered).
The 8XC196MH has two dedicated serial port peripherals, allowing less software overhead. The watchdog timer
can be programmed with one of four time options.
The 8XC196MH is available as the 80C196MH, which does not have on-chip ROM, the 87C196MH,
which contains 32 Kbytes of on-chip OTPROM* or factory programmed ROM, and the 83C196MH, which
contains 32 Kbytes of factory programmed MASK ROM. It is available in 84-lead PLCC, 80-lead Shrink EIAJ/QFP,
and 64-lead SDIP. The 64-lead package does not contain pins for the P5.1/INST and P6.7/PWM1 signals.
Operational characteristics are guaranteed over the temperature range of – 40°C to + 85°C.
*One-Time Programmable Read-Only Memory (OTPROM) is similar to EPROM but comes in an unwindowed package and
cannot be erased. It is user programmable.
■
High Performance CHMOS 16-bit CPU
■
16 MHz Operating Frequency
■
32 Kbytes of On-chip OTPROM/ROM
■
744 Bytes of On-chip Register RAM
■
Register-to-register Architecture
■
16 Prioritized Interrupt Sources
■
Peripheral Transaction Server (PTS) with 15
Prioritized Sources
■
Up to 52 I/O Lines
■
3-phase Complementary Waveform Generator
■
8-channel 8- or 10-bit A/D with Sample and
Hold
■
2-channel UART
■
Event Processor Array (EPA) with 2 High-
speed Capture/Compare Modules and 4 High-
speed Compare-only Modules
■
Two Programmable 16-bit Timers with
Quadrature Counting Inputs
■
Two Pulse-width Modulator (PWM) Outputs
with High Drive Capability
■
Flexible 8- or 16-bit External Bus
■
1.75 µs 16 × 16 Multiply
■
3 µs 32/16 Divide
■
Extended Temperature Available
■
Idle and Powerdown Modes
■
Watchdog Timer


Similar Part No. - 83C196MH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C196MD INTEL-83C196MD Datasheet
1Mb / 25P
INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
More results

Similar Description - 83C196MH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC196MC INTEL-8XC196MC Datasheet
321Kb / 22P
INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MD INTEL-8XC196MD Datasheet
325Kb / 25P
INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MH INTEL-8XC196MH Datasheet
1Mb / 41P
INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
87C196MD INTEL-87C196MD Datasheet
1Mb / 25P
INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EG80C196MH INTEL-EG80C196MH Datasheet
436Kb / 41P
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
U87C196MH INTEL-U87C196MH Datasheet
436Kb / 41P
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
N80C196MC INTEL-N80C196MC Datasheet
360Kb / 22P
INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EE87C196MC INTEL-EE87C196MC Datasheet
360Kb / 22P
8XC196MC INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EE80C196MC INTEL-EE80C196MC Datasheet
360Kb / 22P
INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EG87C196MC INTEL-EG87C196MC Datasheet
360Kb / 22P
INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com