Electronic Components Datasheet Search
  English  ▼

X  

83C196MH Datasheet(PDF) 39 Page - Intel Corporation

Part # 83C196MH
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C196MH Datasheet(HTML) 39 Page - Intel Corporation

Back Button 83C196MH Datasheet HTML 33Page - Intel Corporation 83C196MH Datasheet HTML 34Page - Intel Corporation 83C196MH Datasheet HTML 35Page - Intel Corporation 83C196MH Datasheet HTML 36Page - Intel Corporation 83C196MH Datasheet HTML 37Page - Intel Corporation 83C196MH Datasheet HTML 38Page - Intel Corporation 83C196MH Datasheet HTML 39Page - Intel Corporation 83C196MH Datasheet HTML 40Page - Intel Corporation 83C196MH Datasheet HTML 41Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
39
OTPROM PROGRAMMING WAVEFORMS
Figure 19. Slave Programming Mode Data Program Mode with Single Program Pulse
T
ILVH
PVER Hold after AINC# Low
50
T
OSC
T
ILPL
AINC# Low to PROG# Low
170
T
OSC
T
PHVL
PROG# High to PVER Valid
220
T
OSC
Table 22. DC OTPROM Programming Characteristics
Symbol
Parameter
Min
Max
Units
I
PP
V
PP Supply Current (when
programming)
100
mA
NOTE:
Do not apply V
PP until VCC is stable and within specifications and the oscillator/clock has stabiliized.
Otherwise, the device may be damaged.
Table 21. AC OTPROM Programming Characteristics (Continued)
Symbol
Description
Min
Max
Units
NOTE:
1.
This specification is for Word Dump Mode. For programming pulses, use the Modified Quick Pulse Algo-
rithm explained in the User’s Manual.
A2549-01
Data
PROG#
PALE#
PORTS 3/4
RESET#
Address/Command
PVER
Address/Command
TPHVL
TSHLL
TAVLL
TLLAX
TLLLH
TLHPL
TDVPL TPLDX
TPLPH
TPHLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com