Electronic Components Datasheet Search
  English  ▼

X  

L53U Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # L53U
Description  Power Transducer Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

L53U Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  L53U Datasheet HTML 1Page - M-System Co.,Ltd. L53U Datasheet HTML 2Page - M-System Co.,Ltd. L53U Datasheet HTML 3Page - M-System Co.,Ltd. L53U Datasheet HTML 4Page - M-System Co.,Ltd. L53U Datasheet HTML 5Page - M-System Co.,Ltd. L53U Datasheet HTML 6Page - M-System Co.,Ltd. L53U Datasheet HTML 7Page - M-System Co.,Ltd. L53U Datasheet HTML 8Page - M-System Co.,Ltd. L53U Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: L53U
L53U SPECIFICATIONS
ES-1958 Rev.13 Page 3/9
https://www.m-system.co.jp/
Pulse rate selectable within
0.1 – 10 000.0 kWh/p, kvarh/p, kVAh/p
INSTALLATION
Power consumption
•AC: < 10 VA
•DC: < 3 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 320 g (0.71 lb)
PERFORMANCE
Accuracy (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz)
Voltage: ±0.3 % (±0.2 % for Option /H)*1
Current: ±0.3 % (±0.2 % for Option /H)*1
Power: ±0.5 %*1
Power factor: ±0.5 %
Frequency: ±0.1 %*1
Energy: ±1 % (±0.5 % for Option /H*2)
Harmonic contents: ±1 %*1
Analog output: Accuracy of assigned measurand or ±0.2 %,
whichever is greater.
*1. Percentage of the spans:
480 V for voltage;
1 A or 5 A for current; and
4155 W (5 A) or 831 W (1 A) for active power
The described accuracy levels are ensured at the input 1 %
or more for phase 2 current with 3-phase/3-wire unbalanced
load, for neutral current with 3-phase/4-wire unbalanced
load, and neutral current with 1-phase/3-wire.
*2. Accuracy level:
Active energy class 0.5S according to IEC 62053-22
(Reactive energy class 2 according to IEC 62053-23)
Sampling rate: 64 samples per cycle
Data update period:
Harmonic contents and frequency: ≤ 1.1 sec.
Other: ≤ 600 msec.
Response time: ≤ 2 sec. (0 – 99 %),
≤ 3 sec. for frequency and harmonic contents
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
4000 V AC @1 minute
(voltage input or current input or discrete input or discrete
output or Modbus or configurator jack or analog output to
auxiliary power)
2500 V AC @1 minute
(voltage input to current input to discrete input to discrete
output to Modbus or configurator jack or analog output)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category III (input) (Measurement Category
II if the auxiliary power supply code is R)
Measurement Category II (output)
Installation Category II (auxiliary power)
Pollution Degree 2
Input to auxiliary power: Reinforced insulation (550 V)
Output to auxiliary power: Reinforced insulation (300 V)
Input to output: Basic insulation (550 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com