Electronic Components Datasheet Search
  English  ▼

X  

L53U Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # L53U
Description  Power Transducer Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

L53U Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  L53U Datasheet HTML 1Page - M-System Co.,Ltd. L53U Datasheet HTML 2Page - M-System Co.,Ltd. L53U Datasheet HTML 3Page - M-System Co.,Ltd. L53U Datasheet HTML 4Page - M-System Co.,Ltd. L53U Datasheet HTML 5Page - M-System Co.,Ltd. L53U Datasheet HTML 6Page - M-System Co.,Ltd. L53U Datasheet HTML 7Page - M-System Co.,Ltd. L53U Datasheet HTML 8Page - M-System Co.,Ltd. L53U Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MODEL: L53U
L53U SPECIFICATIONS
ES-1958 Rev.13 Page 7/9
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
60 (2.36)
12 (.47)
108 (4.25)
[3 (.12)]
DIN RAIL
35mm wide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com