Electronic Components Datasheet Search
  English  ▼

X  

MAX20342 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20342
Description  USB Type-C Charger Detector with Integrated OVP
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20342 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20342 Datasheet HTML 1Page - Maxim Integrated Products MAX20342 Datasheet HTML 2Page - Maxim Integrated Products MAX20342 Datasheet HTML 3Page - Maxim Integrated Products MAX20342 Datasheet HTML 4Page - Maxim Integrated Products MAX20342 Datasheet HTML 5Page - Maxim Integrated Products MAX20342 Datasheet HTML 6Page - Maxim Integrated Products MAX20342 Datasheet HTML 7Page - Maxim Integrated Products MAX20342 Datasheet HTML 8Page - Maxim Integrated Products MAX20342 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
MAX20342
USB Type-C Charger Detector with
Integrated OVP
www.maximintegrated.com
Maxim Integrated | 4
Electrical Characteristics
(VBAT = 3.6V , VB = 5V, CVDD = 1µF, CVB = 1µF, COUT = 1µF, CBAT = 1µF, limits are production tested at TA = +25°C. Limits over
the operating temperature range and relevant supply voltage range are guaranteed by design and characterization. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL ELECTRICAL CHARACTERISTICS
Supply Voltage Range
Output
VBAT
2.75
5.5
V
Supply Voltage Range
Input
VB
4.4
28.0
V
Internal VB Regulator
Voltage
VB_REG
3.75
V
Internal VCCINT
Switchover Rising
Threshold
VCCINT_SWOV
ER_THR
VCCINTOnBAT = ’0’, measured as
(VB_REG - VBAT) rising, VCCINT =
VB_REG above this threshold
180
mV
Internal VCCINT
Switchover Falling
Threshold
VCCINT_SWOV
ER_THF
VCCINTOnBAT = ’0’, measured as
(VB_REG - VBAT) falling, VCCINT = VBAT
below this threshold
50
mV
Internal VCCINT POR
Rising Threshold
VCCINT_POR
Measured on internal VCCINT rising
1.81
V
Internal VCCINT POR
Threshold Hysteresis
VCCINT_POR_
HYS
Measured on internal VCCINT
150
mV
VDD Output Voltage
VDD
IDD = 20mA
1.7
1.8
1.9
V
VDD Undervoltage
Lockout Rising
Threshold
VDD_UVLO
VDD rising
1.62
V
VDD Undervoltage
Lockout Threshold
Hysteresis
VDD_UVLO_HY
S
100
mV
BAT Shutdown
Quiescent Current
IBAT_SHDN
ShdnMode =
’1’, VBAT = 3.6V
2.5
4.2
µA
BAT Low-Power UFP
Quiescent Current
IBAT_LP_UFP
LPUFP =
’1’, moisture detection enabled,
VBAT = 3.6V, VB = 0.0V
16.4
27.0
µA
BAT Low-Power Low-
Corrosion DRP
Quiescent Current
IBAT_LP_DRPL
C
LPDRP =
’1’, moisture detection enabled,
DRP toggling state, VBAT = 3.6V, VB =
0.0V
16.7
28.0
µA
BAT UFP Quiescent
Current
IBAT_UFP
Moisture detection enabled, UFP state,
VBAT = 3.6V, VB = 0.0V
148.9
µA
BAT DFP Quiescent
Current
IBAT_DFP
Moisture detection enabled, DFP state,
VBAT = 3.6V, VB = 0.0V
181.8
µA
BAT DRP Quiescent
Current
IBAT_DRP
Moisture detection enabled, DRP toggling
state, VBAT = 3.6V, VB = 0.0V
166.3
µA
BAT Quiescent Current
with VB Present
IBAT_VB
VCCINTOnBAT = ’0’, Attached Sink
state, VBAT = 4.2V, VB = 5.0V
3.2
µA
VCCINTOnBAT
= ’1’, Attached Sink
state, VBAT = 4.2V, VB = 5.0V
292.6
BAT Undervoltage
Lockout Rising
Threshold
VBAT_UVLO
VBAT rising
2.73
2.80
2.85
V
BAT Undervoltage
Lockout Threshold
Hysteresis
VBAT_UVLO_H
YS
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com