Electronic Components Datasheet Search
  English  ▼

X  

FX29 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # FX29
Description  Compact Compression Load Cell
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FX29 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button FX29 Datasheet HTML 5Page - TE Connectivity Ltd FX29 Datasheet HTML 6Page - TE Connectivity Ltd FX29 Datasheet HTML 7Page - TE Connectivity Ltd FX29 Datasheet HTML 8Page - TE Connectivity Ltd FX29 Datasheet HTML 9Page - TE Connectivity Ltd FX29 Datasheet HTML 10Page - TE Connectivity Ltd FX29 Datasheet HTML 11Page - TE Connectivity Ltd FX29 Datasheet HTML 12Page - TE Connectivity Ltd FX29 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FX29
Compact Compression Load Cell
TE CONNECTIVITY SENSORS /// FX29
DOC CONTROL NUMBER 05142019
10/2020
Page 9
I2C Interface
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
SCLK clock frequency
FSCL
100
400
kHz
Start condition hold time relative to
SCL edge
tHOSTA
0.1
µS
Minimum SCL clock low width1
tLOW
0.6
µS
Minimum SCL clock high width1
tHIGH
0.6
µS
Start condition startup time relative to
SCL edge
tSUSTA
0.1
µS
Data hold time on SDA relative to SCL
edge
tHDDAT
0
µS
Data setup time on SDA relative to
SCL edge
tSUDAT
0.1
µS
Stop condition setup time on SCL
tSUSTO
0.1
µS
Bus free time between stop and start
condition
tBUS
2
µS
I2C Interface Timing Diagram
Digital Input and Output Parameters
(Unless otherwise specified, all parameters are measured at 25°C @ 3.0V applied)
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Input high voltage
VIH
0.8
1.0
x Vdd
Input low voltage
VIL
0.0V
0.2
x Vdd
Output low level
x Vdd
Load capacitance @ SDA
200
pF
@400 kHz
Input capacitance (each pin)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com