Electronic Components Datasheet Search
  English  ▼

X  

FX29 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # FX29
Description  Compact Compression Load Cell
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FX29 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button FX29 Datasheet HTML 7Page - TE Connectivity Ltd FX29 Datasheet HTML 8Page - TE Connectivity Ltd FX29 Datasheet HTML 9Page - TE Connectivity Ltd FX29 Datasheet HTML 10Page - TE Connectivity Ltd FX29 Datasheet HTML 11Page - TE Connectivity Ltd FX29 Datasheet HTML 12Page - TE Connectivity Ltd FX29 Datasheet HTML 13Page - TE Connectivity Ltd FX29 Datasheet HTML 14Page - TE Connectivity Ltd FX29 Datasheet HTML 15Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FX29
Compact Compression Load Cell
TE CONNECTIVITY SENSORS /// FX29
DOC CONTROL NUMBER 05142019
10/2020
Page 13
Mounting Recommendation
The sensor can be put into a simple slot fixture for load testing. The load should be applied to the spherical face
of center boss. Recommended to stick the sensor with double face 3M adhesive or glue. Some feature to clamp
the sensor from top to down can be optional.
See below for reference:
NOTE: Clamping force may shift the zero reading slightly. Re-zero if needed.
Below table shown the Zero change difference when loaded 5 Lbf from the top. (For reference only)
Dimension for reference:
Load Range
10L
25L
50L
100L
Changing for reference
±0.5%FS
±0.4%FS
±0.35%FS
±0.25%FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com