Electronic Components Datasheet Search
  English  ▼

X  

8XC196MD Datasheet(PDF) 14 Page - Intel Corporation

Part # 8XC196MD
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196MD Datasheet(HTML) 14 Page - Intel Corporation

Back Button 8XC196MD Datasheet HTML 10Page - Intel Corporation 8XC196MD Datasheet HTML 11Page - Intel Corporation 8XC196MD Datasheet HTML 12Page - Intel Corporation 8XC196MD Datasheet HTML 13Page - Intel Corporation 8XC196MD Datasheet HTML 14Page - Intel Corporation 8XC196MD Datasheet HTML 15Page - Intel Corporation 8XC196MD Datasheet HTML 16Page - Intel Corporation 8XC196MD Datasheet HTML 17Page - Intel Corporation 8XC196MD Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
14
EXTINT
I
External Interrupt. This programmable interrupt is controlled
by the WG_PROTECT register. This register controls
whether the interrupt is edge triggered or sampled and
whether a rising edge/high level or falling edge/low level
activates the interrupt. This interrupt vectors through memory
location 203CH. If the chip is in idle mode and if EXTINT is
enabled, a valid EXTINT interrupt brings the chip back to
normal operation, where the first action is to execute the
EXTINT service routine. After completion of the service
routine, execution resumes at the instruction following the
one that put the chip into idle mode.
In powerdown mode, a valid EXTINT interrupt causes the
chip to return to normal operating mode. If EXTINT is
enabled, the EXTINT service routine is executed. Otherwise,
execution continues at the instruction following the IDLPD
instruction that put the chip into powerdown mode.
—
INST
O
Instruction Fetch. This active-high output signal is valid only
during external memory bus cycles. When high, INST
indicates that an instruction is being fetched from external
memory. The signal remains high during the entire bus cycle
of an external instruction fetch. INST is low for data
accesses, including interrupt vector fetches and chip configu-
ration byte reads. INST is low during internal memory
fetches.
P5.1
NMI
I
Nonmaskable Interrupt. In normal operating mode, a rising
edge on NMI causes a vector through the NMI interrupt at
location 203EH. NMI must be asserted for greater than one
state time to guarantee that it is recognized.
In idle mode, a rising edge on NMI brings the chip back to
normal operation, where the first action is to execute the NMI
service routine. After completion of the service routine,
execution resumes at the instruction following the one that
put the chip into idle mode.
In powerdown mode, NMI causes a return to normal
operating mode only if it is tied to EXTINT.
—
ONCE#
I
On-circuit Emulation. Holding this pin low while the
RESET# signal transitions from a low to a high places the
device into on-circuit emulation (ONCE) mode. ONCE mode
isolates the device from other components in the system to
allow the use of a clip-on emulator for system debugging.
This mode puts all pins except XTAL1 and XTAL2 into a high-
impedance state. To exit ONCE mode, reset the device by
pulling the RESET# signal low.
P5.4
Table 7. Signal Descriptions (Continued)
Signal
Name
Type
Description
Multiplexed
With



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com