Electronic Components Datasheet Search
  English  ▼

X  

8XC196MD Datasheet(PDF) 38 Page - Intel Corporation

Part # 8XC196MD
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196MD Datasheet(HTML) 38 Page - Intel Corporation

Back Button 8XC196MD Datasheet HTML 33Page - Intel Corporation 8XC196MD Datasheet HTML 34Page - Intel Corporation 8XC196MD Datasheet HTML 35Page - Intel Corporation 8XC196MD Datasheet HTML 36Page - Intel Corporation 8XC196MD Datasheet HTML 37Page - Intel Corporation 8XC196MD Datasheet HTML 38Page - Intel Corporation 8XC196MD Datasheet HTML 39Page - Intel Corporation 8XC196MD Datasheet HTML 40Page - Intel Corporation 8XC196MD Datasheet HTML 41Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
38
OTPROM SPECIFICATIONS
Table 20. Programming Operating Conditions
Symbol
Description
Min
Max
Units
Notes
TA
Ambient Temperature
20
30
°C
v
CC
Supply Voltage During Programming
4.50
5.50
V
3
v
REF
Reference Supply Voltage During
Programming
4.50
5.50
V
3
V
PP
Programming Voltage
12.25
12.75
V
2
V
EA
EA Pin Voltage
12.25
12.75
V
2
F
OSC
Oscillator Frequency During Auto and
Slave Mode Programming
Oscillator Frequency During Run-Time
Programming
6
6
8
12
MHz
MHz
NOTES:
1.
V
CC and VREF should be at nominally the same voltage during programming.
2.
If V
PP and VEA exceed the maximum specification, the device may be damaged.
3.
V
SS and ANGND should be at nominally the same potential (0 volts).
4.
Load capacitance during auto and slave mode programming = 150 pF.
Table 21. AC OTPROM Programming Characteristics
Symbol
Description
Min
Max
Units
T
AVLL
Address Setup Time
0
T
OSC
T
LLAX
Address Hold Time
100
T
OSC
T
DVPL
Data Setup Time
0
T
OSC
T
PLDX
Data Hold Time
400
T
OSC
T
LLLH
PALE# Pulse Width
50
T
OSC
T
PLPH
PROG# Pulse Width (1)
50
T
OSC
T
PHLL
PROG# High to Next PALE# Low
220
T
OSC
T
PHDX
Word Dump Hold Time
50
T
OSC
T
PHPL
PROG# High to Next PROG# Low
220
T
OSC
T
LHPL
PALE# High to PROG# Low
220
T
OSC
T
PLDV
PROG# Low to Word Dump Valid
50
T
OSC
T
SHLL
RESET# High to First PALE# Low
1100
T
OSC
T
PHIL
PROG# High to AINC# Low
0
T
OSC
T
ILIH
AINC# Pulse Width
240
T
OSC
NOTE:
1.
This specification is for Word Dump Mode. For programming pulses, use the Modified Quick Pulse Algo-
rithm explained in the User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com