Electronic Components Datasheet Search
  English  ▼

X  

L9026 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 46Page - STMicroelectronics L9026 Datasheet HTML 47Page - STMicroelectronics L9026 Datasheet HTML 48Page - STMicroelectronics L9026 Datasheet HTML 49Page - STMicroelectronics L9026 Datasheet HTML 50Page - STMicroelectronics L9026 Datasheet HTML 51Page - STMicroelectronics L9026 Datasheet HTML 52Page - STMicroelectronics L9026 Datasheet HTML 53Page - STMicroelectronics L9026 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Notes:
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2.
All Dimensions are in millimeters.
3.
Terminal A1 identifier and terminal numbering convention shall conform to JEP95 SPP-002. Terminal A1
identifier must be located within the zone indicated on the outline drawing. Topside terminal A1 indicator
may be a molded, or metalized feature. Optional indicator on bottom surface may be a molded, marked or
metallized feature.
4.
Outlines with “D” and “E” increments less than 0.5 mm should be registered as “stand alone” outlines. These
outlines should use as many of the algorithms and dimensions states in the design standard as possible to
insure predictability in manufacturing.
5.
Inner edge of corner terminals may be chamfered or rounded in order to achieve minimum gap “k”. This
feature should not affect the terminal width “b”, which is measured L/2 from the edge of the package body.
6.
“N” is the maximum number of terminal positions for the specified body size. Depopulation is allowed, but
only under the following conditions.
–
Depopulation scheme must be consistent in each quadrant of the package.
–
Non-symmetric variations should be broken out as separate mechanical outline variations, including
depopulation graphics.
7.
A1 is defined as the distance from the seating plane to the lowest point on the package body (standoff).
8.
Dimension D2 and E2 refer to exposed pad.
9.
For Tolerance of Form and Position see Table 19.
10. Critical dimensions: 10.1 L1
11. Dimensions “b” and “L” are measured at terminal plating surface.
12. For Symbols, Recommended Values and Tolerances see Table below: (ACCORDING TO PACKAGE OR
JEDEC SPEC IF REGISTERED)
L9026
VFQFPN32 (5x5x1 mm exp. pad down 3.5x3.5) package information
DS13397 - Rev 5
page 50/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com