Electronic Components Datasheet Search
  English  ▼

X  

L9026 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 25Page - STMicroelectronics L9026 Datasheet HTML 26Page - STMicroelectronics L9026 Datasheet HTML 27Page - STMicroelectronics L9026 Datasheet HTML 28Page - STMicroelectronics L9026 Datasheet HTML 29Page - STMicroelectronics L9026 Datasheet HTML 30Page - STMicroelectronics L9026 Datasheet HTML 31Page - STMicroelectronics L9026 Datasheet HTML 32Page - STMicroelectronics L9026 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
8.2
Over temperature protection
A temperature sensor is integrated for each channel. Totally 8 temperature sensors are present, which switch
OFF the channel in over temperature in order to prevent destruction.
Once a channel over temperature is detected, the corresponding diagnosis bit DIAG_OVC_OVT is set (combined
with Over Load protection). The channel can be switched ON after clearing the protection latch by setting the
corresponding DIAG_OVC_OVT_RLW.OUTn bit to “1”. This bit is set back to “0” internally after de-latching the
channel.
8.3
Over temperature and over load in Limp Home mode
In Limp Home mode, channels 2 and 3 can be switched ON using the input pins. In case of Over Load, Short
Circuit or Over Temperature the channels are switched OFF. If the input pins remain “high”, meaning that the
channel is still required to be on, in case of Over Load the channels restart at every tRETRY.
8.4
Reverse polarity protection
In Reverse Polarity (also known as Reverse Battery) condition, power dissipation is caused by the intrinsic body
diode of each DMOS. The reverse current through the channels has to be limited by the connected loads.
In order to sustain the Reverse polarity condition the exposed pad of device must be left electrically floating.
8.5
Electrical characteristics
3 V ≤ VDDIO ≤ 5.5 V; 6 V ≤ VBATT ≤ 18 V; -40 °C ≤ Tj ≤ 150 °C unless otherwise noticed. All voltages are
referred to GND pin.
Table 16. Over temperature and over load electrical parameters
Symbol
Description
Test condition
Min
Typ
Max
Unit
IL(OVL0_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = -40 °C
1
-
1.9
A
IL(OVL0_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = 25 °C
1
-
1.7
A
IL(OVL0_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = 150 °C
1
-
1.7
A
IL(OVL1_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = -40 °C
0.6
-
1
A
IL(OVL1_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = 25 °C
0.6
-
1
A
IL(OVL1_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = 150 °C
0.6
-
1
A
IL(OVL0_HS)
Over Load detection current
(Channels used as High-Side)
TJ = -40 °C
1.2
-
2.1
A
IL(OVL0_HS)
Over Load detection current
(Channels used as High-Side)
TJ = 25 °C
1.2
-
1.9
A
IL(OVL0_HS)
Over Load detection current
(Channels used as High-Side)
TJ = 150 °C
1
-
1.7
A
IL(OVL1_HS)
Over Load detection current
(Channels used as High-Side)
TJ = -40 °C
0.7
-
1.4
A
IL(OVL1_HS)
Over Load detection current
TJ = 25 °C
0.7
-
1.3
A
L9026
Over temperature protection
DS13397 - Rev 5
page 29/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com