Electronic Components Datasheet Search
  English  ▼

X  

VSC8201DL Datasheet(PDF) 20 Page - Vitesse Semiconductor Corporation

Part # VSC8201DL
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201DL Datasheet(HTML) 20 Page - Vitesse Semiconductor Corporation

Back Button VSC8201DL Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 21Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 20 of 21 -
= Ambient temperature,
= Power dissipation.
For the 128 pin LQFP vias which connect the nearby high frequency decoupling capacitors to the ground and power planes are sufficient
for the required heat dissipation rate. See “Local High-Frequency decoupling Capacitor Layout - LQFP package” on page 2.
For proper cooling of the 100 ball LBGA, a PCB via must be placed between the thermal BGA ball pads in a checkerboard pattern (see
Figure 13: ”Thermal Via Layout”, below). Each of these “thermal vias” should then be routed to the BGA ball pads near it with a wide
trace or solid copper fill to increase the conductive area on the surface of the PCB. In order to dissipate heat below the BGA package, the
PCB thermal vias must connect to a solid ground plane within the board. It is recommended that the ground plane have a minimum thick-
ness of one ounce (see Figure 14: ”Thermal Ground Plane Connections”, below).
Ta
Pd
BGA Ball Pad
PCB Thermal Via
PCB Traces
Figure 13: Thermal Via Layout
VSC8201 BGA Package
BGA Balls
1-ounce Ground Plane
Thermal via
Figure 14: Thermal Ground Plane Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com