Electronic Components Datasheet Search
  English  ▼

X  

VSC8201DL Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8201DL
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201DL Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8201DL Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 3 of 21 -
In addition, a ferrite bead should be used to isolate each analog supply from the rest of the board. The bead should be placed in series
between the bulk decoupling capacitors and the local decoupling capacitors.
Figure 3: Power Supply Decoupling Schematic
The beads should be chosen to have the following characteristics:
•
Current Rating of at least 150% of the maximum current of the power supply.
•
Impedance of 80 to 100W at 100Mhz.
Recommended beads are:
•
Panasonic EXCELSA39 or similar.
•
Steward HI 1206N101R-00 or similar.
Note:Place vias close to or under neath the capacitor pads for
low inductive path and higher heat dissipation rate.
0.1 uF
.
Figure 2: Local High-Frequency decoupling Capacitor Layout - LBGA package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com