Electronic Components Datasheet Search
  English  ▼

X  

LD57100JR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD57100JR
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100JR Datasheet(HTML) 5 Page - STMicroelectronics

  LD57100JR Datasheet HTML 1Page - STMicroelectronics LD57100JR Datasheet HTML 2Page - STMicroelectronics LD57100JR Datasheet HTML 3Page - STMicroelectronics LD57100JR Datasheet HTML 4Page - STMicroelectronics LD57100JR Datasheet HTML 5Page - STMicroelectronics LD57100JR Datasheet HTML 6Page - STMicroelectronics LD57100JR Datasheet HTML 7Page - STMicroelectronics LD57100JR Datasheet HTML 8Page - STMicroelectronics LD57100JR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
4
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN, VBIAS
Input voltage
-0.3 to 7
V
VOUT, VFB, VSNS
Output voltage
-0.3 to VIN + 0.3
V
VEN
Enable input voltage
-0.3 to 7
V
IOUT
Output current
Internally limited
(see ISC in Table 7. Electrical characteristics)
A
TSTG
Storage temperature range
- 40 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient(1)
60
°C/W
1. We considered the STD JEDEC board 4 layers (2s2p) 101.5 x114.5 mm with a top copper plane of 4x4 mm.
Table 5. ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
2
kV
CDM
500
V
Table 6. Recommended operating conditions
Parameter
Value
Unit
Supply input voltage, VIN
0.6 to 5.5
V
Supply input voltage, BIAS
3 to 5.5
V
Junction temperature range
- 40 to 125
ºC
LD57100
Absolute maximum ratings
DS13123 - Rev 5
page 5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com