Electronic Components Datasheet Search
  English  ▼

X  

LD57100JR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD57100JR
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100JR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD57100JR Datasheet HTML 7Page - STMicroelectronics LD57100JR Datasheet HTML 8Page - STMicroelectronics LD57100JR Datasheet HTML 9Page - STMicroelectronics LD57100JR Datasheet HTML 10Page - STMicroelectronics LD57100JR Datasheet HTML 11Page - STMicroelectronics LD57100JR Datasheet HTML 12Page - STMicroelectronics LD57100JR Datasheet HTML 13Page - STMicroelectronics LD57100JR Datasheet HTML 14Page - STMicroelectronics LD57100JR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VOUT = 0.5 V, CIN = 4.7 µF, COUT = 10 µF, CBIAS = 1 µF, trise/fall = 5 µs
Figure 18. Input voltage turn-on (VIN= from 0 V to 0.8 V,
VBIAS=3 V, VEN=0.8 V, IOUT=1 A)
Figure 19. Load transient (VIN=0.8 V, VBIAS=3 V, VEN=1 V,
IOUT from 1 mA to 1 A)
Figure 20. Line transient vs input voltage (VIN= from 0.8 V
to 1.08 V, VBIAS=3 V, VEN=1 V, IOUT 100 mA)
Figure 21. Line transient vs BIAS voltage (VIN=0.8 V to
1.08 V, VBIAS= from 2.8 to 3.8 V, VEN=1 V, IOUT=100 mA)
Figure 22. VBIAS PSRR vs frequency
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00
100.00
1,000.00
10,000.00
Frequency(kHz)
Test condition:
Vripple=200mVpkpk
Cout=
10uF MLCC 0603
Headroom=500mV
Vbias=4V, V_EN=1V
Figure 23. VIN PSRR vs frequency
0
10
20
30
40
50
60
70
80
90
100
110
0.01
0.10
1.00
10.00
100.00
1,000.00
10,000.00
Frequency(kHz)
Test condition:
Vripple=200mVpkpk
Cout=
10uF MLCC 0603
Headroom=500mV
Vbias=3V, V_EN=1V
Iload=10mA
LD57100
Typical characteristics
DS13123 - Rev 5
page 11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com