Electronic Components Datasheet Search
  English  ▼

X  

MAX17633 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17633
Description  4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17633 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17633 Datasheet HTML 15Page - Maxim Integrated Products MAX17633 Datasheet HTML 16Page - Maxim Integrated Products MAX17633 Datasheet HTML 17Page - Maxim Integrated Products MAX17633 Datasheet HTML 18Page - Maxim Integrated Products MAX17633 Datasheet HTML 19Page - Maxim Integrated Products MAX17633 Datasheet HTML 20Page - Maxim Integrated Products MAX17633 Datasheet HTML 21Page - Maxim Integrated Products MAX17633 Datasheet HTML 22Page - Maxim Integrated Products MAX17633 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Figure 4. Adjustable 5V Output with 500kHz Switching Frequency
fSW = 500kHz
L1: XAL5050-682ME
C1: GRM32ER72A225KA35
C4: GRM32ER71A226K
MODE/SYNC:
1. CONNECT TO SGND FOR PWM MODE
2. CONNECT TO INTVCC FOR DCM MODE
3. LEAVE OPEN FOR PFM MODE
RESET
EN/UVLO
IN
BST
RT
MODE/SYNC
INTVCC
SGND
SS
FB
PGND
LX
LX
IN
C5
5600pF
EXTVCC
2.2μF
2.2μF
0.1μF
6.8μH
22μF
VOUT 5V, 3.5A
MAX17633C
VIN
C3
C2
C1
C4
L1
LX
IN
PGND
R1
133kΩ
28.7kΩ
R2
VOUT
6.5V TO 36V
2x
2x
RESET
EN/UVLO
IN
BST
RT
MODE/SYNC
INTVCC
SGND
SS
FB
PGND
LX
LX
IN
C5
5600pF
EXTVCC
2.2μF
2.2μF
0.1μF
5.6μH
47μF
VOUT 3.3V, 3.5A
MAX17633A
VIN
C3
C2
C1
C4
L1
LX
IN
PGND
fSW = 500kHz
L1: XAL5050-562ME
C1: GRM32ER72A225KA35
C4: GRM32ER70J476KE20
MODE/SYNC:
1. CONNECT TO SGND FOR PWM MODE
2. CONNECT TO INTVCC FOR DCM MODE
3. LEAVE OPEN FOR PFM MODE
4.5V TO 36V
2x
2x
Typical Application Circuits (continued)
Typical Application Circuit—Adjustable 5V Output
Typical Application Circuit —Fixed 3.3V Output
Figure 5. Fixed 3.3V Output with 500kHz Switching Frequency
www.maximintegrated.com
Maxim Integrated │ 21
MAX17633
4.5V to 36V, 3.5A, High Efficiency,
Synchronous Step-Down, DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com