Electronic Components Datasheet Search
  English  ▼

X  

MAX17633 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17633
Description  4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17633 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17633 Datasheet HTML 1Page - Maxim Integrated Products MAX17633 Datasheet HTML 2Page - Maxim Integrated Products MAX17633 Datasheet HTML 3Page - Maxim Integrated Products MAX17633 Datasheet HTML 4Page - Maxim Integrated Products MAX17633 Datasheet HTML 5Page - Maxim Integrated Products MAX17633 Datasheet HTML 6Page - Maxim Integrated Products MAX17633 Datasheet HTML 7Page - Maxim Integrated Products MAX17633 Datasheet HTML 8Page - Maxim Integrated Products MAX17633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
(VIN = VEN/UVLO = 24V, RRT = unconnected (fSW = 500 kHz), CINTVCC = 2.2μF, VSGND = VPGND = VMODE/SYNC = VEXTVCC = 0V;
VFB = 3.67V (MAX17633A), VFB = 5.5V (MAX17633B), VFB = 1V (MAX17633C), LX = SS = RESET = OPEN, VBST to VLX = 5V,
TA = -40°C to 125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to SGND, unless otherwise
noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SS
Charging Current
ISS
4.7
5
5.3
μA
FB
FB Regulation Voltage
VFB_REG
MODE/SYNC = SGND or MODE/SYNC =
INTVCC (MAX17633A)
3.256
3.3
3.344
V
MODE/SYNC = SGND or MODE/SYNC =
INTVCC (MAX17633B)
4.94
5
5.06
MODE/SYNC = SGND or MODE/SYNC =
INTVCC (MAX17633C)
0.888
0.9
0.912
MODE/SYNC = OPEN (MAX17633A)
3.256
3.36
3.44
MODE/SYNC = OPEN (MAX17633B)
4.94
5.09
5.21
MODE/SYNC = OPEN (MAX17633C)
0.888
0.915
0.938
FB Input-Bias Current
IFB
For MAX17633A
33
μA
For MAX17633B
33
For MAX17633C, TA = +25°C
-50
+50
nA
MODE/SYNC
MODE Threshold
VM_DCM
MODE/SYNC = INTVCC (DCM Mode)
VIN_VCC - 0.65
V
VM_PFM
MODE/SYNC = OPEN (PFM Mode)
VIN_VCC /2
VM_PWM
MODE/SYNC = SGND (PWM Mode)
0.75
SYNC Frequency-Capture
Range
fSYNC
fSW set by RRT
1.1 × fSW
1.4 × fSW kHz
SYNC Pulse Width
50
ns
SYNC Threshold
VIH
2.1
V
VIL
0.8
CURRENT LIMIT
Peak Current-Limit
Threshold
IPEAK_LIMIT
4.6
5.4
6.2
A
Runaway Current-Limit
Threshold
IRUNAWAY_LIMIT
5.35
6.4
7.35
A
PFM Current-Limit
Threshold
IPFM
MODE/SYNC = OPEN
1.2
A
Valley Current-Limit
Threshold
IVALLEY_LIMIT
MODE/SYNC = OPEN or MODE/SYNC =
INTVCC
-0.28
0
+0.28
A
MODE/SYNC = GND
2.5
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX17633
4.5V to 36V, 3.5A, High Efficiency,
Synchronous Step-Down, DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com