Electronic Components Datasheet Search
  English  ▼

X  

DTL3A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DTL3A
Description  DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DTL3A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DTL3A Datasheet HTML 1Page - List of Unclassifed Manufacturers DTL3A Datasheet HTML 2Page - List of Unclassifed Manufacturers DTL3A Datasheet HTML 3Page - List of Unclassifed Manufacturers DTL3A Datasheet HTML 4Page - List of Unclassifed Manufacturers DTL3A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DTL Series
Performance Specifications and Ordering Guide ➀
P A R T NUMBER STR UCTURE
MECHANICAL SPECIFICA TIONS
Compliance
Resolution
Logic
Current
Resolution
Voltage
Power
Package
Model
(Bits)
Compatibility
(Amps)
(mA)
➁
(Volts)
➂
(Watts)
(Case, Pinout)
DTL3A
12
CMOS/TTL
➃
0-2
0.5
2.5-200
0-100
C24, P31
Input
Output
DTL
3
DATEL
Electronic Load
Voltage Range:
3 = 2.5 to 200V
A
A-Series
High Reliability
TEMPERA TURE DERA TIN
11
8
9
10
1
2
4
3
5
6
7
METAL CASE
ALUMINUM BASEPLATE
2.00
(50.80)
2.00
(50.80)
0.20 MIN
(5.08)
1.20
(30.48)
6 EQ. SP. @
0.200 (5.08)
1.800
(45.72)
1.640
(41.66)
1.640
(41.66)
0.50
(12.70)
0.060 ±0.002 DIA.
(1.524 ±0.051)
0.040 ±0.002 DIA.
(1.016 ±0.051)
#4-40 CLEAR THRU
(TYP. 4 PL)
BOTTOM VIEW
0.10
(2.54)
0.08
(2.03)
0.22
(5.59)
0.40
(10.16)
Pin
Function P31
Pin
Function P31
1
Fault
7
Control Strobe (CS)
2
Ground
8
–Load
3
+5 Volt Supply
9
–Load
4
Latch Data (LD)
10
+Load
5
Serial Data In (SDI)
11
+Load
6
Clock (CLK)
I/O Connections
Contact DATEL for Heat Sink information.
Baseplate Temperature (
°C)
100
90
80
70
60
50
40
30
20
10
0
10
2030
40
5060
708090
100
The horizontal axis of the above chart references the temperature of the DTL3A’s alumi-
num baseplate. The device can continually dissipate up to 100 Watts if the baseplate
is maintained at or below +50°C. At +25°C ambient temperature, with no heat sink or
supplemental air flow, the DTL3A can reliably dissipate a continuous 10 Watts.
2
Case C24
➀ Typical at TA = +25°C with nominal +5V supply voltage unless noted.
➁ The smallest increment/decrement in output current is defined by one LSB (least significant bit) of the 12-bit
digital input word. One LSB is equal to full scale (FS) divided by 4096 which corresponds to 0.0244% of 2A or 488µA.
➂ For proper operation, the unit's output/load voltage must remain within this range. Voltages greater than the listed
maximum can damage the device. Voltages less than the minimum provide insufficient bias for the output stage
and will result in unpredictable or no operation. See Output Compliance Voltage and the Fault Line for details.
➃ See Performance/Functional Specifications for details.
100 W A TT , HIGH-V OL T A GE ELECTR ONIC LO ADS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com