Electronic Components Datasheet Search
  English  ▼

X  

DTL3A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DTL3A
Description  DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DTL3A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DTL3A Datasheet HTML 1Page - List of Unclassifed Manufacturers DTL3A Datasheet HTML 2Page - List of Unclassifed Manufacturers DTL3A Datasheet HTML 3Page - List of Unclassifed Manufacturers DTL3A Datasheet HTML 4Page - List of Unclassifed Manufacturers DTL3A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA) · Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 · Email: sales@datel.com · Internet: www.datel.com
INNOVATION and EXCELLENCE
®
®
Features
I
I
I
I
I
I
I
I
I
I
Applications
I
I
I
I
I
I
Figure 1. Simplified Schematic
NEW
ISOLATED
DC/DC
CONVERTER
12-BIT
D/A
DATA
LATCH
AMPLIFIER
AND
CURRENT
SENSOR
+LOAD
+LOAD
–LOAD
–LOAD
CONTROL STROBE (CS)
CLOCK (CLK)
INPUT
BUFFERS
OPTO
ISOLATORS
SERIAL DATA INPUT (SDI)
LATCH DATA (LD)
GROUND
+5V SUPPLY
UNDERVOLTAGE
DETECTION
POWER DEVICE
UNDER TEST
FAULT
DTL Series
DTL3A Model
Digitally Programmable, 2A/200V
100 Watt, Electronic Loads
DATEL’s new DTL3A is a digitally controlled, optically isolated, serial-input elec-
tronic load that offers high compliance voltage and unprecedented control over low-
level currents. The DTL3A is essentially a computer controlled current source that
sinks currents from 0 to 2 Amps, at loading voltages from 2.5 to 200 Volts, up to a
maximum power of 100 Watts. The DTL3A accepts a serialized, 12-bit, CMOS/TTL
digital input word, optically isolates (500Vdc) the data, latches it, and presents it to an
on-board, 12-bit, digital-to-analog (D/A) converter. The D/A output drives a near-ideal
(10M
Ω output impedance), voltage-controlled current source.
One LSB (least significant bit) of the D/A corresponds to a mere 500µA (0.025% of
2A) of load current. Combined with the DTL3A’s ±500µA max. offset error and ±0.1%
max. gain error, this precise digital control gives users extraordinary command over
the generation of low-level load currents. A 100mA current, for example, is guaranteed
to have ±1mA accuracy over all specified load-voltage conditions.
The DTL3A has impressive speed performance. Digital update rates to 20kHz
are possible, and settling time for a full 2A step is 100µsec. The unit is housed in a
thermally efficient, 2" x 2" x 0.5" metal package that has an aluminum baseplate with
through-hole spacers for easy pcb mounting and/or external heat-sink attachment.
The DTL-3A has an output compliance-voltage requirement 2.5 to 200V. Should
the output/load voltage drop below the 2.5V minimum required for proper biasing,
an internal monitoring circuit activates the DTL3A's output Fault line. See DATEL’s
DTL2A-LC for compliance voltages as low as 0.6V.
DATEL’s electronic loads, controller boards and companion software are outstand-
ing building-block components for power-supply (AC/DC and DC/DC) and power-
component (diodes, FET’s, etc.) burn-in and test systems. They are an extremely
reliable, cost-effective solution that enables you to quickly configure flexible, impres-
sively accurate systems.
12-bit, optically isolated (500Vdc),
CMOS/TTL-compatible serial input
0-2 Amp output in 500µA increments
Output voltage to 200 Volts
Output power to 100 Watts
10M
Ω minimum output impedance
±500µA offset error; ±0.1% gain error
100µsec full-scale step response
Update rates to 20kHz
Operate in parallel for higher power
Miniature, 2" x 2" metal package
Static/dynamic power-supply burn-in
Power-supply test and characterization
Battery capacity testing
Current-source testing
Capacitor discharge testing
Real-time load simulation


Similar Part No. - DTL3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DTL3A MURATA-DTL3A Datasheet
90Kb / 5P
Digitally Programmable, 2A/200V 100 Watt, Electronic Loads
More results

Similar Description - DTL3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DTL2A-LC ETC2-DTL2A-LC Datasheet
288Kb / 5P
100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
logo
Murata Manufacturing Co...
DTL2A MURATA-DTL2A Datasheet
162Kb / 5P
100 Watt, Digitally Programmable Serial-Input, Electronic Loads
DTL2A-LC MURATA-DTL2A-LC Datasheet
161Kb / 5P
100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
DTL3A MURATA-DTL3A Datasheet
90Kb / 5P
Digitally Programmable, 2A/200V 100 Watt, Electronic Loads
DTL4A MURATA-DTL4A Datasheet
89Kb / 5P
Digitally Programmable, 10A/150V 100 Watt, Electronic Loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
DC Electronic Loads
8600 BK-8600 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
logo
Maxim Integrated Produc...
MAX77642EVKIT MAXIM-MAX77642EVKIT Datasheet
2Mb / 23P
On-Board Electronic Loads
319-100635; Rev 0; 11/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com