Electronic Components Datasheet Search
  English  ▼

X  

MAX20010EATPAV Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20010EATPAV
Description  Automotive Single 6A Step-Down Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20010EATPAV Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20010EATPAV Datasheet HTML 15Page - Maxim Integrated Products MAX20010EATPAV Datasheet HTML 16Page - Maxim Integrated Products MAX20010EATPAV Datasheet HTML 17Page - Maxim Integrated Products MAX20010EATPAV Datasheet HTML 18Page - Maxim Integrated Products MAX20010EATPAV Datasheet HTML 19Page - Maxim Integrated Products MAX20010EATPAV Datasheet HTML 20Page - Maxim Integrated Products MAX20010EATPAV Datasheet HTML 21Page - Maxim Integrated Products MAX20010EATPAV Datasheet HTML 22Page - Maxim Integrated Products MAX20010EATPAV Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
RS+ to GND, as shown in Figure 8 VOUT should not exceed 5V. Select RFB2 (RS+ to GND resistor) ≤ 50kΩ. Calculate
RFB (OUT to RS+ resistor) with the following equation:
RFB1 = RFB2[(
VOUT
VRS+
) − 1]
where VRS+ = programmed VID voltage. Capacitor CFB1 can help improve the phase margin when using a resistive
divider. Determine CFB1 from the following equation:
CFB1 = 1
/ (2 × π × RFB1 × 80k)
When setting the output voltage externally, scale the inductance according to the VOUT/VRS+ ratio. MAX20010EATPA/
V+ parts are programmed with double internal slope compensation to allow for smaller inductance values. Set the
inductance using the following equation:
L = VOUT
/ VRS+ × 220nH / 2
VOUT
RS+
RFB1
CFB1
RFB2
Figure 8. Adjustable Output-Voltage Setting
MAX20010C/MAX20010D/
MAX20010E
Automotive Single 6A Step-Down Converters
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com