Electronic Components Datasheet Search
  English  ▼

X  

MAX20029D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX20029D
Description  Automotive Quad/Triple Low-Voltage Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20029D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX20029D Datasheet HTML 9Page - Maxim Integrated Products MAX20029D Datasheet HTML 10Page - Maxim Integrated Products MAX20029D Datasheet HTML 11Page - Maxim Integrated Products MAX20029D Datasheet HTML 12Page - Maxim Integrated Products MAX20029D Datasheet HTML 13Page - Maxim Integrated Products MAX20029D Datasheet HTML 14Page - Maxim Integrated Products MAX20029D Datasheet HTML 15Page - Maxim Integrated Products MAX20029D Datasheet HTML 16Page - Maxim Integrated Products MAX20029D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Inductor Selection
The PMICs are optimized for use with a 1.5µH inductor
on outputs configured for 0.5A, 1A, or 1.5A, and a 1.0µH
inductor for an output configured for 2A or 3A. For output
voltageslessthan0.9V,0.47μHisrecommended.
Input Capacitor
The PMICs are designed to operate with a single 2.2µF
ceramic bypass capacitor on each PV_ input. Phase
interleaving of the four buck converters contributes to
a lower required input capacitance by canceling input
ripple currents. Place the bypass capacitors as close as
possible to their corresponding PV_ input to ensure the
best EMI and jitter performance.
Output Capacitor
All outputs of the PMICs are optimized for use with ceramic
capacitors.
For VOUT/VIN > 0.2:
=
=
OUT_MIN
OUT
OUT_NOM
OUT
20
C
µF
V
33
C
µF
V
For VOUT/VIN≤0.2:
=
=
OUT_MIN
OUT
OUT_NOM
OUT
40
C
µF
V
60
C
µF
V
Additional output capacitance can be used if better volt-
age ripple or load-transient response is required (see
Figure 2). To guarantee stability, it is recommended that
the phase margin be measured under the worst-case
deration of the output capacitor(s). Due to the soft-start
sequence, the PMICs are unable to drive arbitrarily large
output capacitors.
Thermal Considerations
How much power the package can dissipate strongly
depends on the mounting method of the IC to the PCB
and the copper area for cooling. Using the JEDEC test
standard, the maximum power dissipation allowed is
2285mW in the TQFN package. More power dissipation
can be handled by the package if great attention is given
during PCB layout. For example, using the top and bottom
copper as a heatsink and connecting the thermal vias to
one of the middle layers (GND) transfers the heat from the
package into the board more efficiently, resulting in lower
junction temperature at high power dissipation in some
PMIC applications. Furthermore, the solder mask around
the IC area on both top and bottom layers can be removed
to radiate the heat directly into the air. The maximum
allowable power dissipation in the IC is as follows:
(
)
J(MAX)
A
MAX
JC
CA
TT
P
−
=
θ
+ θ
where TJ(MAX) is the maximum junction temperature
(+150°C), TAistheambientairtemperature,θJC (3°C/W
for the 28-pin TQFN) is the thermal resistance from the
junctiontothecase,andθCA is the thermal resistance from
the case to the surrounding air through the PCB, copper
traces,andthepackagematerials.θCA is directly related
to system-level variables and can be modified to increase
the maximum power dissipation.
The TQFN package has an exposed thermal pad on its
underside. This pad provides a low thermal-resistance path
for heat transfer into the PCB. This low thermally resistive
path carries a majority of the heat away from the IC. The
PCB is effectively a heatsink for the IC. The exposed pad
should be connected to a large ground plane for proper
thermal and electrical performance. The minimum size
of the ground plane is dependent upon many system
variables. To create an efficient path, the exposed pad
should be soldered to a thermal landing, which is connected
to the ground plane by thermal vias. The thermal landing
should be at least as large as the exposed pad and can be
made larger depending on the amount of free space from
the exposed pad to the other pin landings. A sample layout
is available on the evaluation kit to speed designs.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
lossesandclean,stableoperation.Useamultilayerboard
whenever possible for better noise immunity and power
dissipation. Follow these guidelines for good PCB layout:
1) UsealargecontiguouscopperplaneunderthePMIC
packages. Ensure that all heat-dissipating components
have adequate cooling.
2) Keep the high-current paths short, especially at the
ground terminals. This practice is essential for stable,
jitter-free operation. The high current path comprising
of input capacitor, inductor, and the output capacitor
should be as short as possible.
3) Keep the power traces and load connections short. This
practiceisessentialforhighefficiency.Usethickcopper
PCBs (2oz vs. 1oz) to enhance full-load efficiency.
4) Use a single ground plane to reduce the chance of
ground potential differences. With a single ground
plane, enough isolation between analog return signals
and high-power signals must be maintained.
MAX20029/MAX20029B/
MAX20029C/MAX20029D
Automotive Quad/Triple Low-Voltage
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com