Electronic Components Datasheet Search
  English  ▼

X  

MAX20029D Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX20029D
Description  Automotive Quad/Triple Low-Voltage Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20029D Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX20029D Datasheet HTML 9Page - Maxim Integrated Products MAX20029D Datasheet HTML 10Page - Maxim Integrated Products MAX20029D Datasheet HTML 11Page - Maxim Integrated Products MAX20029D Datasheet HTML 12Page - Maxim Integrated Products MAX20029D Datasheet HTML 13Page - Maxim Integrated Products MAX20029D Datasheet HTML 14Page - Maxim Integrated Products MAX20029D Datasheet HTML 15Page - Maxim Integrated Products MAX20029D Datasheet HTML 16Page - Maxim Integrated Products MAX20029D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Note: Insert the desired suffix letter (from the Selector Guide)
into the blank area "_" to indicate factory-selectable features.
/V denotes an automotive qualified part that conforms to
AEC-Q100.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
**Future part—contact factory for availability.
Note: Contact factory for custom configuration. Factory-selectable features include:
CH1/CH2 Current Configuration: 0.5A, 1.0A, or 1.5A (both channels have the same current level)
CH3, CH4 Current Configuration: 0.5A or 1.5A
DC-DC Voltages:
• (MAX20029/MAX20029B) Adjustable, or a fixed voltage between 1.0V and 4.0V in 50mV steps
• (MAX20029C) Fixed voltages between 0.7V and 3.8V in 50mV steps
Spread Spectrum: Off, +3%, or +6%
PG_ Active Timeout Period: 256 or 20,480 clock cycles
CH1 Current Configuration: 2.0A or 3.0A
**Future product—contact factory for availability
See the Ordering Information table for other options.
PART
TEMP RANGE
PIN-PACKAGE
MAX20029ATI_/V+
-40°C to +125°C
28 TQFN-EP*
MAX20029BATI_/V+
-40°C to +125°C
28 TQFN-EP*
MAX20029CATI_/V+
-40°C to +125°C
28 TQFN-EP*
MAX20029DATI_/V+
-40°C to +125°C
28 TQFN-EP*
PART
IOUT
(A)
VOUT
(V)
SPREAD
SPECTRUM
PG_ TIMEOUT
(CYCLES)
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
MAX20029
MAX20029ATIA/V+
1.5
1.5
1.5
1.5
ADJ
ADJ
ADJ
ADJ
Off
256
MAX20029ATIB/V+
1.0
1.0
1.5
1.5
1.5
1.8
1.15
1.4
+3%
256
MAX20029ATIC/V+
1.0
1.0
1.5
1.5
1.8
1.35
3.3
1.2
+3%
256
MAX20029ATID/V+
1.0
1.0
1.5
0.5
1.0
1.8
ADJ
3.3
+3%
256
MAX20029ATIF/V+
1.5
1.5
1.5
1.5
1.0
1.8
ADJ
3.3
+3%
256
MAX20029B
MAX20029BATIA/V+
3.0
―
1.5
1.5
ADJ
―
ADJ
ADJ
Off
20,480
MAX20029BATIB/V+
3.0
―
1.5
1.5
1
―
1.8
1.5
+3%
20,480
MAX20029BATIC/V+
3.0
―
1.5
1.5
1.1
―
1.8
1.0
Off
256
MAX20029BATID/V+
3.0
―
1.5
0.5
1.0
―
1.8
1.2
+3%
256
MAX20029BATIE/V+**
3.0
—
1.5
1.5
1.5
—
1.8
3.3
+3%
256
MAX20029C
MAX20029CATIA/V+
1.5
1.5
1.5
1.5
3.3
1.8
1.0
0.7
Off
256
MAX20029CATIB/V+
1.0
1.0
0.5
1.5
1.5
0.9
1.1
0.7
+3%
256
MAX20029CATIC/V+**
1.5
1.5
1.5
1.5
1.8
3.3
0.85
1.8
+3%
256
MAX20029D
MAX20029DATIA/V+
3.0
—
1.5
1.5
1.1
—
0.7
1.8
Off
20,480
MAX20029/MAX20029B/
MAX20029C/MAX20029D
Automotive Quad/Triple Low-Voltage
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 16
Ordering Information
Selector Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com