Electronic Components Datasheet Search
  English  ▼

X  

AT1387AF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT1387AF
Description  6-Channel DC-DC Converter for DSC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1387AF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT1387AF Datasheet HTML 1Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AT1387A
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Description
Pin No.
Pin name
I/O
Function
1
SS6
I
CH6 Soft Start Setting Capacitor
2
FB6
I
CH6 Error Amplifier Output
3
IN6
I
CH6 Error Amplifier Inverted Input
4
DTC5
I
CH5 Dead Time Control
5
SS5
I
CH5 Soft Start Setting Capacitor
6
FB5
I
CH5 Error Amplifier Output
7
IN5N
I
CH5 Error Amplifier Negative Input
8
IN5P
I
CH5 Error Amplifier Positive Input
9
DTC4
I
CH4 Dead Time Control
10
SS4
I
CH4 Soft Start Setting Capacitor
11
FB4
I
CH4 Error Amplifier Output
12
IN4
I
CH4 Error Amplifier Inverted Input
13
DTC3
I
CH3 Dead Time Control
14
SS3
I
CH3 Soft Start Setting Capacitor
15
FB3
I
CH3 Error Amplifier Output
16
IN3
I
CH3 Error Amplifier Inverted Input
17
CTL6
I
CH6 ON/OFF Control Input
18
CTL5
I
CH5 ON/OFF Control Input
19
VREG
O
2.3V Regulator Output
20
AGND
P
Power Ground
21
VCC
P
Power Supply
22
CTL4
I
CH4 ON/OFF Control Input
23
CT
-
Oscillation Frequency Setting Capacitor
24
CTL
I
Power Control Input
25
CSCP
-
Timer Latch Short-Circuit Detection Capacitor Input
26
CTL3
I
CH3 ON/OFF Control Input
27
CTL2
I
CH2 ON/OFF Control Input
28
CTL1
I
CH1 ON/OFF Control Input
29
IN2
I
CH2 Error Amplifier Inverted Input
30
FB2
I
CH2 Error Amplifier Output
31
SS2
I
CH2 Soft Start Setting Capacitor
32
DTC2
I
CH2 Dead Time Control
33
IN1
I
CH1 Error Amplifier Inverted Input
34
FB1
I
CH1 Error Amplifier Output
35
SS1
I
CH1 Soft Start Setting Capacitor
36
DTC1
I
CH1 Dead Time Control
37
LBI
I
Low Battery Detector Input
38
LBO
O
Low Battery Indicator
39
OUT1_1
O
CH1 Main Side Output
40
OUT1_2
O
CH1 Synchronous Rectifier Side Output
41
OUT2_1
O
CH2 Main Side Output
42
OUT2_2
O
CH2 Synchronous Rectifier Side Output
43
PVCC
P
Drive Output Block Power Supply
44
PGND
P
Drive Output Block Ground
45
OUT3
O
CH3 Output
46
OUT4
O
CH4 Output
47
OUT5
O
CH5 Output
48
OUT6
O
CH6 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com