Electronic Components Datasheet Search
  English  ▼

X  

AT1387AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT1387AF
Description  6-Channel DC-DC Converter for DSC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1387AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT1387AF Datasheet HTML 1Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1387AF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AT1387A
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
1
Features
• Low start-up power supply voltage :1.4V(CH6)
• Wide supply voltage range from 2.5V to 6.5V
(CH1~6)
• High speed operation is possible: Maximum
1 MHz
• Supports for up, flyback and up/down SEPIC
conversion (CH3,4,5,6)
• Supports for down and up/down Zeta conversion
(CH1,2)
• Synchronized rectification on CH1,CH2
• Supports for negative voltage feedback CH5
• Built-in On/Off function
• Built-in Soft-Start Function
• Built-in Short-Circuit Protection.
Applications
• Digital Cameras
• CCD Imaging Devices
• Camcorders
General Description
The AT1387A is a 6-channel PWM DC/DC control
IC for low voltage applications with a soft start
function and short circuit detection function. This
IC is ideal for up conversion, down conversion,
and up/down conversion (using a step-up/step-
down SEPIC ,Zeta system with free input and
output settings). 6 channels can be built in the
LQFP48 package, each channel be controlled, and
soft-start.
The AT1387A include one comparator to generate
low-battery warning outputs. It also contains two
high efficiency topology by using synchronous
rectification PWM(It can be disable by floating
OUT1_2,OUT2_2.)
Pin Assignment
Ordering Information
Part number
Package
Marking
AT1387AF
LQFP48
AT1387AF
AT1387AF_PBF
LQFP48, PB-Free
AT1387AF, date code with one bottom line
AT1387AF_GRE
LQFP48, Green
AT1387AF, date code with two bottom line
Aimtron reserves the right without notice to change this circuitry and specifications.


Similar Part No. - AT1387AF

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1380 AIMTRON-AT1380 Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
logo
Global Mixed-mode Techn...
AT1380A GMT-AT1380A Datasheet
67Kb / 1P
Switching Regulator Controller for LCD Bias
Ver: 1.3 Apr 08, 2011
logo
Aimtron Technology
AT1380AP AIMTRON-AT1380AP Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
logo
Global Mixed-mode Techn...
AT1380AP GMT-AT1380AP Datasheet
67Kb / 1P
Switching Regulator Controller for LCD Bias
Ver: 1.3 Apr 08, 2011
More results

Similar Description - AT1387AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
5 CHANNEL DC-DC CONVERTER FOR DSC
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
6-Channel DC-DC Controller for DSC
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
4-Channel DC-DC Converter for DSC
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
6-Channel DC-DC Converter for DSC
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
6-Channel DC-DC Converter IC for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
6-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
G2105 GMT-G2105 Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com