Electronic Components Datasheet Search
  English  ▼

X  

FSL136HRL Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSL136HRL
Description  Green Mode Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL136HRL Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSL136HRL Datasheet HTML 2Page - ON Semiconductor FSL136HRL Datasheet HTML 3Page - ON Semiconductor FSL136HRL Datasheet HTML 4Page - ON Semiconductor FSL136HRL Datasheet HTML 5Page - ON Semiconductor FSL136HRL Datasheet HTML 6Page - ON Semiconductor FSL136HRL Datasheet HTML 7Page - ON Semiconductor FSL136HRL Datasheet HTML 8Page - ON Semiconductor FSL136HRL Datasheet HTML 9Page - ON Semiconductor FSL136HRL Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FSL136HR
www.onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
(These characteristics graphs are normalized TA = 25°C.)
Figure 4. Operating Frequency vs. Temperature
Figure 5. Maximum Duty Cycle vs. Temperature
Figure 6. Operating Supply Current vs. Temperature
Figure 7. Start Threshold Voltage vs. Temperature
Figure 8. Stop Threshold Voltage vs. Temperature
Figure 9. Feedback Source Current vs. Temperature
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-40℃ -25℃
0℃
25℃ 50℃ 75℃ 100℃ 120℃ 140℃
Operating Frequency (f OSC)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40 -250 255075100 120 140
Operating Supply Current (I op2)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40 -250255075 100 120 140
Start Threshold Voltage (V START)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40 -250255075 100 120 140
Stop Threshold Voltage (V STOP)
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-40℃ -25℃
0℃
25℃ 50℃ 75℃ 100℃ 120℃ 140℃
Feedback Source Current (I FB)
0.6
0.8
1
1.2
1.4
Maximum Duty Cycle (DMAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com