Electronic Components Datasheet Search
  English  ▼

X  

FSL136HRL Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSL136HRL
Description  Green Mode Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL136HRL Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSL136HRL Datasheet HTML 6Page - ON Semiconductor FSL136HRL Datasheet HTML 7Page - ON Semiconductor FSL136HRL Datasheet HTML 8Page - ON Semiconductor FSL136HRL Datasheet HTML 9Page - ON Semiconductor FSL136HRL Datasheet HTML 10Page - ON Semiconductor FSL136HRL Datasheet HTML 11Page - ON Semiconductor FSL136HRL Datasheet HTML 12Page - ON Semiconductor FSL136HRL Datasheet HTML 13Page - ON Semiconductor FSL136HRL Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FSL136HR
www.onsemi.com
10
Output−Short Protection (OSP)
If the output is shorted, steep current with extremely high
di/dt can flow through the SENSEFET during the LEB time.
Such a steep current brings high−voltage stress on the drain
of SENSEFET when turned off. To protect the device from
such an abnormal condition, OSP detects VFB and
SENSEFET turn−on time. When the VFB is higher than
1.6 V and the SENSEFET turn−on time is lower than 1.0
ms,
the FPS recognizes this condition as an abnormal error and
shuts down PWM switching until VCC reaches VSTART
again. An abnormal condition output is shown in Figure 20.
Figure 20. Output Short Waveforms (OSP)
D
MOSFET
Drain
Current
Rectifier
Diode
Current
VFB
VOUT
output short occurs
1.6us
IOUT
ILIM
Turn-off delay
Minimum
turn-on time
VOSP
Soft−Start
The power switch has an internal soft−start circuit that
slowly increases the feedback voltage, together with the
SENSEFET current, after it starts. The typical soft−start
time is 20 ms, as shown in Figure 21, where progressive
increments of the SENSEFET current are allowed during the
startup phase. The pulse width to the power switching device
is progressively increased to establish the correct working
conditions for transformers, inductors, and capacitors. The
voltage on the output capacitors is progressively increased
with the intention of smoothly establishing the required
output voltage. Soft−start helps to prevent transformer
saturation and reduce the stress on the secondary diode.
1.25ms
16Steps
Current Limit
ILIM
t
0.25ILIM
Drain
Current
Figure 21. Internal Soft−Start
Burst Operation
To minimize power dissipation in standby mode, the FPS
enters burst mode. As the load decreases, the feedback
voltage decreases. As shown in Figure 22, the device
automatically enters burst mode when the feedback voltage
drops below VBURH. Switching continues, but the current
limit is fixed internally to minimize flux density in the
transformer. The fixed current limit is larger than that
defined by VFB = VBURH and, therefore, VFB is driven down
further. Switching continues until the feedback voltage
drops below VBURL. At this point, switching stops and the
output voltages start to drop at a rate dependent on the
standby current load. This causes the feedback voltage to
rise. Once it passes VBURH, switching resumes. The
feedback voltage then falls and the process repeats. Burst
mode alternately enables and disables switching of the
SENSEFET and reduces switching loss in standby mode.
Figure 22. Burst−Mode Operation
Adjusting Peak Current Limit
As shown in Figure 23, a combined 6 k
W internal
resistance is connected to the non−inverting lead on the
PWM comparator. An external resistance of Rx on the
current limit pin forms a parallel resistance with the 6 k
W
when the internal diodes are biased by the main current
source of 400
mA. For example, FSL136HR has a typical
SENSEFET peak current limit (ILIM) of 2.15 A. ILIM can be
adjusted to 1.5 A by inserting Rx between the IPK pin and the
ground. The value of the Rx can be estimated by the
following equations:
2.15 A : 1.5 A + 6kW :X kW
(eq. 1)
X + Rx 6kW
(eq. 2)
Where X is the resistance of the parallel network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com