Electronic Components Datasheet Search
  English  ▼

X  

MAXM17536ALY Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAXM17536ALY
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536ALY Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAXM17536ALY Datasheet HTML 4Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 5Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 6Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 7Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 8Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 9Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 10Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 11Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
(VIN = VEN/UVLO = 24V, VSGND = VPGND = 0V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
All voltages are referenced to GND, unless otherwise noted. The circuit values for different output-voltage applications are as in Table 1,
unless otherwise noted.)
Typical Operating Characteristics (continued)
4.970
4.975
4.980
4.985
4.990
4.995
5.000
0
1000
2000
3000
4000
LOAD CURRENT (mA)
OUTPUT VOLTAGE vs. LOAD CURRENT
(5V OUTPUT, PWM MODE, fSW= 450kHz)
VIN = 24V
VIN = 60V
toc25
VIN = 48V
VIN = 12V
VIN = 7.5V
VIN = 36V
3.30
3.32
3.34
3.36
3.38
3.40
3.42
0
1000
2000
3000
4000
LOAD CURRENT (mA)
OUTPUT VOLTAGE vs. LOAD CURRENT
(3.3V OUTPUT, PFM MODE, fSW = 300kHz)
VIN = 5V
VIN = 12V
toc28
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 60V
4.970
4.990
5.010
5.030
5.050
5.070
5.090
5.110
5.130
5.150
0
1000
2000
3000
4000
LOAD CURRENT (mA)
OUTPUT VOLTAGE vs. LOAD CURRENT
(5V OUTPUT, PFM MODE, fSW = 450kHz)
VIN = 24V
VIN = 7.5V
toc26
VIN = 36V
VIN = 12V
VIN = 48V
VIN = 60V
2V/div
5V/div
toc29
4ms/div
VEN/UVLO
POWER-UP AND DOWN THROUGH EN/UVLO
(VIN = 24V, VOUT = 5V, IOUT = 25mA, PFM MODE)
VRESET
5V/div
VOUT
3.309
3.310
3.311
3.312
3.313
3.314
3.315
3.316
3.317
0
1000
2000
3000
4000
LOAD CURRENT (mA)
OUTPUT VOLTAGE vs. LOAD CURRENT
(3.3V OUTPUT, PWM MODE, fSW = 300kHz)
VIN = 60V
VIN = 48V
toc27
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 5V
2V/div
5V/div
toc30
4ms/div
POWER-UP AND DOWN THROUGH EN/UVLO
(VIN = 24V, VOUT = 3.3V, IOUT = 25mA, PFM MODE)
2V/div
VEN/UVLO
VOUT
VRESET
Maxim Integrated │ 8
www.maximintegrated.com
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com