Electronic Components Datasheet Search
  English  ▼

X  

MAXM17536ALY Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXM17536ALY
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536ALY Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXM17536ALY Datasheet HTML 1Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 2Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 3Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 4Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 5Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 6Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 7Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 8Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The Himalaya series of voltage regulator ICs and power
modules enables cooler, smaller, and simpler power supply
solutions. The MAXM17536 is an easy-to-use, step-down
power module that combines a switching power supply
controller, dual n-channel MOSFET power switches, fully
shielded inductor, and the compensation components in
a low-profile, thermally-efficient system-in-package (SiP).
The device operates over a wide input-voltage range
of 4.5V to 60V and delivers up to 4A continuous output
current with excellent line and load regulation over an
output-voltage range of 0.9V to 12V. The high level of
integration significantly reduces design complexity,
manufacturing risks, and offers a true plug-and-play power
supply solution, reducing time-to-market.
The device can be operated in the pulse-width modulation
(PWM), pulse-frequency modulation (PFM), or discontinuous
conduction mode (DCM) control schemes.
The MAXM17536 is available in a low-profile, highly
thermal-emissive, compact, 29-pin, 9mm x 15mm x
4.32mm SiP package that reduces power dissipation in
the package and enhances efficiency. The package is
easily soldered onto a printed circuit board and suitable
for automated circuit board assembly.
Applications
● Test and Measurement Equipment
● Distributed Supply Regulation
● FPGA and DSP Point-of-Load Regulator
● Base-Station Point-of-Load Regulator
● HVAC and Building Control Systems
Ordering Information appears at end of data sheet.
19-100573; Rev 1; 8/19
Benefits and Features
● Reduces Design Complexity, Manufacturing Risks,
and Time-to-Market
• Integrated Synchronous Step-Down DC-DC
Converter
• Integrated Inductor
• Integrated FETs
• Integrated Compensation Components
● Saves Board Space in Space-Constrained
Applications
• Complete Integrated Step-Down Power Supply
in a Single Package
• Small Profile, 9mm x 15mm x 4.32mm SiP Package
• Simplified PCB Design with Minimal External BOM
Components
● Offers Flexibility for Power-Design Optimization
• Wide Input-Voltage Range from 4.5V to 60V
• Output-Voltage Adjustable Range from 0.9V to 12V
• Adjustable Frequency with External Frequency
Synchronization (100kHz to 2.2MHz)
• PWM, PFM, or DCM Current-Mode Control
• Programmable Soft-Start
• Auxiliary Bootstrap LDO for Improved Efficiency
• Optional Programmable EN/UVLO
● Operates Reliably in Adverse Environments
• Integrated Thermal Protection
• Hiccup Mode Overload Protection
• RESET Output-Voltage Monitoring
• Ambient Operating Temperature Range
(-40°C to +125°C)/Junction Temperature Range
(-40°C to +150°C)
• Complies with CISPR22(EN55022) Class B
Conducted and Radiated Emissions
Typical Application Circuit
VCC
EN/UVLO
7V TO 60V
VIN
SGND
MAXM17536
MODE/SYNC
CIN
4 x 4.7µF
DL
CSS
3 x 47µF
22nF
2.2pF
5V, 4A
715kΩ
CIN : GRM31CZ72A475KE11L
: GRM32ER71A476KE15L
OUT
FB
CF
EXTVCC
LX
RT
BST
PGND
R2
R1
R3
COUT
CF
IN
VOUT
COUT
174kΩ
38.3kΩ
RESET
Click
here for production status of specific part numbers.
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor
EVALUATION KIT AVAILABLE


Similar Part No. - MAXM17536ALY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17536EVKIT MAXIM-MAXM17536EVKIT Datasheet
834Kb / 11P
MAXM17536 5V Output Evaluation Kit
2019
MAXM17536EVKIT# MAXIM-MAXM17536EVKIT# Datasheet
834Kb / 11P
MAXM17536 5V Output Evaluation Kit
2019
More results

Similar Description - MAXM17536ALY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17574 MAXIM-MAXM17574 Datasheet
1Mb / 21P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
Rev 1; 9/17
MAXM17575 MAXIM-MAXM17575 Datasheet
764Kb / 22P
4.5V to 60V, 1.5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
Rev 1; 9/17
MAXM17537 MAXIM-MAXM17537 Datasheet
860Kb / 21P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
Rev 0; 7/19
MAXM17503 MAXIM-MAXM17503_V01 Datasheet
1Mb / 20P
4.5V to 60V, 2.5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2020
MAXM17504 MAXIM-MAXM17504_V01 Datasheet
1Mb / 20P
4.5V to 60V, 3.5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2020
MAXM17505 MAXIM-MAXM17505_V01 Datasheet
1Mb / 20P
4.5V to 60V, 1.7A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
MAXM17544 MAXIM-MAXM17544_V01 Datasheet
1Mb / 19P
4.5V to 42V, 3.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
MAXM17545 MAXIM-MAXM17545_V01 Datasheet
1Mb / 20P
4.5V to 42V, 1.7A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2020
MAXM17574 MAXIM-MAXM17574_V01 Datasheet
1Mb / 22P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2019
MAXM17575 MAXIM-MAXM17575_V01 Datasheet
1Mb / 22P
4.5V to 60V, 1.5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com