Electronic Components Datasheet Search
  English  ▼

X  

S3F8285 Datasheet(PDF) 97 Page - Samsung semiconductor

Part # S3F8285
Description  8-BIT CMOS MICROCONTROLLERS
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F8285 Datasheet(HTML) 97 Page - Samsung semiconductor

Back Button S3F8285 Datasheet HTML 93Page - Samsung semiconductor S3F8285 Datasheet HTML 94Page - Samsung semiconductor S3F8285 Datasheet HTML 95Page - Samsung semiconductor S3F8285 Datasheet HTML 96Page - Samsung semiconductor S3F8285 Datasheet HTML 97Page - Samsung semiconductor S3F8285 Datasheet HTML 98Page - Samsung semiconductor S3F8285 Datasheet HTML 99Page - Samsung semiconductor S3F8285 Datasheet HTML 100Page - Samsung semiconductor S3F8285 Datasheet HTML 101Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 369 page
background image
S3C828B/F828B/C8289/F8289/C8285/F8285
CONTROL REGISTER
4-25
P1CONH — Port 1 Control Register (High Byte)
E5H
Set 1, Bank1
Bit Identifier
.7
.6
.5
.4
.3
.2
.1
.0
RESET Value
–
–
0
0
0
0
0
0
Read/Write
–
–
R/W
R/W
R/W
R/W
R/W
R/W
Addressing Mode
Register addressing mode only
.7–.6
Not used for the S3C828B/C8289/C8285
.5–.4
P1.6/SI
0
0
Schmitt trigger input mode (SI)
0
1
Output mode, N-channel open-drain
1
0
Output mode, push-pull
1
1
Not used for the S3C828B/C8289/C8285
.3–.2
P1.5/SCK
0
0
Schmitt trigger input mode (SCK input)
0
1
Output mode, N-channel open-drain
1
0
Output mode, push-pull
1
1
Alternative function (SCK output)
.1–.0
P1.4/SO
0
0
Schmitt trigger input mode
0
1
Output mode, N-channel open-drain
1
0
Output mode, push-pull
1
1
Alternative function (SO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com