Electronic Components Datasheet Search
  English  ▼

X  

S3F8285 Datasheet(PDF) 29 Page - Samsung semiconductor

Part # S3F8285
Description  8-BIT CMOS MICROCONTROLLERS
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F8285 Datasheet(HTML) 29 Page - Samsung semiconductor

Back Button S3F8285 Datasheet HTML 25Page - Samsung semiconductor S3F8285 Datasheet HTML 26Page - Samsung semiconductor S3F8285 Datasheet HTML 27Page - Samsung semiconductor S3F8285 Datasheet HTML 28Page - Samsung semiconductor S3F8285 Datasheet HTML 29Page - Samsung semiconductor S3F8285 Datasheet HTML 30Page - Samsung semiconductor S3F8285 Datasheet HTML 31Page - Samsung semiconductor S3F8285 Datasheet HTML 32Page - Samsung semiconductor S3F8285 Datasheet HTML 33Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 369 page
background image
S3C828B/F828B/C8289/F8289/C8285/F8285
PRODUCT OVERVIEW
1-7
PIN DESCRIPTIONS
Table 1-1. S3C828B/F828B/C8289/F8289/C8285/F8285 Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
Pin
Numbers (note)
Share
Pins
P0.0–P0.7
I/O
I/O port with bit-programmable pins;
Schmitt trigger input or push-pull, open-
drain output and software assignable pull-
ups;
P0.0–P0.7 are alternately used for
external interrupt input(noise filters,
interrupt enable and pending control).
E-4
21–28
(19–26)
INT0–INT7
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
I/O
I/O port with bit-programmable pins;
Schmitt trigger input or push-pull, open-
drain output and software assignable pull-
ups.
E-4
29(27)
30(28)
31(29)
32(30)
33(31)
34(32)
35(33)
T1CAP
T1CLK
T1OUT/T1PWM
BUZ
SO
SCK
SI
P2.0–P2.6
P2.7
I/O
I/O port with bit-programmable pins;
Input or push-pull output and software
assignable pull-ups.
F-1
F-2
36–42
(34–40)
43(41)
AD0–AD6
AD7/VBLDREF
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
I/O
I/O port with bit-programmable pins;
Input or push-pull output and software
assignable pull-ups.
H-9
D-1
6(4)
7(5)
8(6)
9(7)
10(8)
11(9)
TBPWM/SEG34
TAOUT/TAPWM
/SEG35
TACLK/SEG36
TACAP/SEG37
TxD
RxD
P4.0–P4.7
I/O
I/O port with bit-programmable pins;
Input or push-pull, open-drain output and
software assignable pull-ups.
H-8
70– 77
(68–75)
SEG18–SEG25
P5.0–P5.7
I/O
I/O port with bit-programmable pins;
Input or push-pull, open-drain output and
software assignable pull-ups.
H-8
78–80,1–5
(76–80,1–3)
SEG26–SEG33
P6.0–P6.7
I/O
I/O port with bit-programmable pins;
Input or push-pull output and software
assignable pull-ups.
H-9
62–69
(60–67)
SEG10–SEG17
P7.0–P7.3
I/O
I/O port with bit-programmable pins;
Input or push-pull output and software
assignable pull-ups.
H-9
58–61
(56–59)
SEG6–SEG9
P8.0–P8.1
P8.2–P8.7
I/O
I/O port with bit-programmable pins;
Input or push-pull output and software
assignable pull-ups.
H-9
50–51(48–49)
52–57(50–55)
COM0–COM1
COM2–COM7/
SEG0–SEG5
VLC0–VLC3
–
LCD power supply pins.
–
46–49
(44–47)
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com