Electronic Components Datasheet Search
  English  ▼

X  

MAX25201 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX25201
Description  36V HV Synchronous Boost Controller for Automotive Infotainment Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25201 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX25201 Datasheet HTML 14Page - Maxim Integrated Products MAX25201 Datasheet HTML 15Page - Maxim Integrated Products MAX25201 Datasheet HTML 16Page - Maxim Integrated Products MAX25201 Datasheet HTML 17Page - Maxim Integrated Products MAX25201 Datasheet HTML 18Page - Maxim Integrated Products MAX25201 Datasheet HTML 19Page - Maxim Integrated Products MAX25201 Datasheet HTML 20Page - Maxim Integrated Products MAX25201 Datasheet HTML 21Page - Maxim Integrated Products MAX25201 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PART
TEMP
RANGE
PIN-
PACKAGE
VOUT
RANGE
FIXED
VOUT
INTERNAL
SWITCHING
FREQUENCY
SPREAD
SPECTRUM TOPOLOGY
MAX25201ATEA/VY+
-40°C to
+125°C
16 SW
TQFN-EP*
3.5V to 36V
10
Adjustable
OFF
SINGLE
PHASE
MAX25201ATEB/VY+
-40°C to
+125°C
16 SW
TQFN-EP*
3.5V to 36V
10
Adjustable
ON
SINGLE
PHASE
MAX25201ATEC/VY+
-40°C to
+125°C
16 SW
TQFN-EP*
20V to 60V
N/A
Adjustable
OFF
SINGLE
PHASE
MAX25201ATED/VY+
-40°C to
+125°C
16 SW
TQFN-EP*
20V to 60V
N/A
Adjustable
ON
SINGLE
PHASE
MAX25202MATEA/VY+
-40°C to
+125°C
16 SW
TQFN-EP*
20V to 60V
N/A
400kHz
ON
2-PHASE
MASTER
MAX25202SATEA/VY+
-40°C to
+125°C
16 SW
TQFN-EP*
20V to 60V
N/A
400kHz
ON
2-PHASE
SLAVE
*EP = Exposed pad.
Ordering Information
www.maximintegrated.com
Maxim Integrated │ 21
MAX25201/MAX25202
36V HV Synchronous Boost Controller
for Automotive Infotainment Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com