Electronic Components Datasheet Search
  English  ▼

X  

MAX25201 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25201
Description  36V HV Synchronous Boost Controller for Automotive Infotainment Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25201 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25201 Datasheet HTML 1Page - Maxim Integrated Products MAX25201 Datasheet HTML 2Page - Maxim Integrated Products MAX25201 Datasheet HTML 3Page - Maxim Integrated Products MAX25201 Datasheet HTML 4Page - Maxim Integrated Products MAX25201 Datasheet HTML 5Page - Maxim Integrated Products MAX25201 Datasheet HTML 6Page - Maxim Integrated Products MAX25201 Datasheet HTML 7Page - Maxim Integrated Products MAX25201 Datasheet HTML 8Page - Maxim Integrated Products MAX25201 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
(VSUP = 14V, VEN = 14V, CBIAS = 1μF, CBST = 0.1μF, TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STEP UP CONTROLLER
Supply Voltage Range
Initial startup, VOUT = VBATT
4.5
36
V
VSUP
Operation after initial startup condition is satisfied
1.8
36
Output Over-Voltage
Threshold
Detected with respect to VFB rising
102.0
105
107.5
%
Supply Current
IIN
VEN = VSUP, VFB = VBIAS (fixed output voltage),
VSUP > VOUT, no load (MAX25201)
25
µA
VEN = VSUP, VSUP > VOUT, adjustable output, no
load. Excludes current through external FB divider
(MAX25201)
20
Shutdown, VEN = 0V, fixed output voltage
1.5
3
Shutdown, VEN = 0V, adjustable output, excludes
current through external FB divider
1.5
3
Fixed Output Voltage
VOUT
VFB = VBIAS, PWM mode, MAX25201ATEA/VY+
and MAX25201ATEB/VY+ only
9.85
10.04
10.25
V
VFB = VBIAS, skip mode, MAX25201ATEA/VY+
and MAX25201ATEB/VY+ only
9.70
10.04
10.30
Output Voltage
Adjustable Range
MAX25201ATEA/VY+ and MAX25201ATEB/VY+
3.5
36
V
MAX25201ATEC/VY+, MAX25201ATED/
VY+, MAX25202MATEA/VY+,
MAX25202SATEA/VY+
20
60
Regulated Feedback
Voltage
VFB
0.99
1.005
1.02
V
Feedback Leakage
Current
IFB
TA = 25°C
0.01
1
µA
Feedback Line
Regulation Error
VIN = 3.5V to 36V, VFB = 1V
0.01
%/V
Transconductance
(from FB to COMP)
gm_boost
VFB = 1V, VBIAS = 5V (Note 1)
165
250
345
µS
Dead Time
DL low to DH rising
20
ns
DH low to DL rising
20
DH Pullup Resistance
VBIAS = 5V, IDH = -100mA
1.5
2.6
Ω
DH Pulldown
Resistance
VBIAS = 5V, IDH = 100mA
1
2
Ω
DL Pullup Resistance
VBIAS = 5V, IDL = -100mA
1.5
2.8
Ω
DL Pulldown
Resistance
VBIAS = 5V, IDL = 100mA
1
2
Ω
Minimum Off Time
tOFFBST
80
ns
PWM Switching
Frequency Range
fSW
MAX25201, programmable with RFOSC
0.22
2.2
MHz
Switching Frequency
Accuracy
RFOSC = 70kΩ, VBIAS = 5V, 3.3V (MAX25201)
380
400
420
kHz
MAX25202M/MAX25202S
375
400
425
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX25201/MAX25202
36V HV Synchronous Boost Controller
for Automotive Infotainment Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com