Electronic Components Datasheet Search
  English  ▼

X  

FUSB3307D6MX Datasheet(PDF) 12 Page - ON Semiconductor

Part # FUSB3307D6MX
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307D6MX Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FUSB3307D6MX Datasheet HTML 8Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 9Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 10Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 11Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 12Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 13Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 14Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 15Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
FUSB3307
www.onsemi.com
12
CC1 and CC2 Lines and USB−C Receptacle Assumptions
If a USB−C receptacle is used, CC1 and CC2 are
connected from the receptacle to the FUSB3307’s CC1 and
CC2 pins. If a hardwired connection (called “captive cable”
in Type−C and USB PD specifications) is desired, the CC
line is connected to CC1 (or CC2 if more convenient for
routing) and the VCONN line is connected to CC2 (or CC1)
pin not used above.
The design in the figures above assumes a Type C
receptacle (as opposed to captive cable) and all the following
descriptions are consistent with this configuration. Also
assumed is USB 2.0 only receptacle (D+ and D−) for a power
source application without data (that is, the USB D+ and D−
do not go to a USB PHY). All SuperSpeed lines (TX1+,
TX1−, RX1+, RX1−, TX2+, TX2−, RX2+, RX2−) are left
unconnected and the SBU1 (Side Band Use) and SBU2 pins
are not used.
Internally, the FUSB3307 pulls up CC1 and CC2
individually to VDD with currents that advertise 3 A
capability for this power source per USB Type C
specification. When a Sink device is connected to the
USB−C receptacle, the voltages on CC1 and CC2 will drop
down per Type C specification. The FUSB3307 will detect
a legitimate attach with the Sink and accordingly turn on the
VBUS FET Q1 (see VBUS Operation descriptions below).
If this design needs high−voltage, short−to−VBUS
protection on CC1 and CC2, the FUSB3307 protects the
CC1 and CC2 lines internally to the highest VBUS voltage
that is possible for USB PD. FUSB3307 also detects CC1
and CC2 pins in this over−voltage state and goes into the
Type C Disabled state. But it will take a finite amount of time
to detect an over−voltage event on CC1 or CC2, turn off the
load switch FET Q1 and discharge VBUS and thus the
over−voltage protection on CC1 and CC2 to protect these
I/Os. The CC1 and CC2 connector pins are physically close
to the VBUS connector pins which is why this need arises
more often than not as highlighted in Figure 9.
DISC
VDD
C3
CC1
CC2
D+/PDIV1
D−/PDIV0
C1
C2
R1
FUSB3307
USB Type−C
Detection
and Gate
Drivers
PD 3.0
Device Policy
Manager,
Policy
Engine,
Protocol &
PHY Layers
CV/CC
Regulation
ESD
7272
2 ESDM3551’s
ESD
7272
VBUS
R2
R3
Figure 9. CC1 and CC2 Proximity to VBUS Within
Type−C Connector
For USB PD traffic, per specification, the CC1 (and CC2)
line needs a capacitor to ground that is between 200 pF and
600 pF to minimize noise coupling from other signals within
the connector (especially if D+ and D− USB 2.0 data is sent
through the USB−C connector). Since the FUSB3307 has
very little internal capacitance on the CC1 and CC2 lines
(cReceiver in the electrical tables above), most of this has
to be supplied externally. The recommended value is 390 pF
capacitors from CC1 to ground and CC2 line to ground (C1
and C2 in Figure 5 and Figure 6) and the voltage rating is
dependent on the decision for high voltage protection above.
VBUS Operation
VBUS from the USB−C connector is typically connected
to a load switch NFET (Q1) source terminal whose gate
terminal is driven by the FUSB3307 gate driver via the
GATE pin. There isn’t a need for putting a resistor between
GATE pin and the gate of Q1 since when the load switch is
first turned on, upon attach of a Sink device via the USB−C
connector, the Sink device is not allowed to draw more than
500 mA. However, if desired for a soft turn−on of the FET,
a small (10 ohms typical) resistor can be placed between the
FUSB3307 GATE pin and the gate terminal of Q1. The drain
terminal of Q1 is connected to the power VCC which is at
5 V in the normal detached operation or in an initial USB−C
attach.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com