Electronic Components Datasheet Search
  English  ▼

X  

FUSB3307D6MX Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB3307D6MX
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307D6MX Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB3307D6MX Datasheet HTML 13Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 14Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 15Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 16Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 17Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 18Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 19Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 20Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
FUSB3307
www.onsemi.com
17
Table 9. PDIV2 Pin Changing Advertised PD Power
PDIV2 Pin State
Advertised PDP (Power Delivery Power)
1
100% of TrimPDP
0
50% of TrimPDP
With the SOIC package and PDIV0 and PDIV1 pins
selected, the power can be controlled as shown below. In this
case there is no PDIV2 pin and the PDIV0 and PDIV1 pins
are used to trim power, as shown in Table 10.
Table 10. PDIV0 and PDIV1 Pins Changing Advertised
PD Power
PDIV1 Pin State PDIV0 Pin State
Advertised PDP
(Power Delivery Power)
1
1
100% of TrimPDP
1
1
75% of TrimPDP
0
1
50% of TrimPDP
0
0
25% of TrimPDP
If PDIV2 is also available (i.e. QFN package) and in the
above trim table (Table 6) the pins D+/PDIV1 and
D−/PDIV0 allow PDIV0 and PDIV1 to be available as pins,
then this is the PDP advertised, as shown in Table 11.
Table 11. PDIV0, PDIV1 and PDIV2 Pins Changing
Advertised PD Power
PDIV2
Pin State
PDIV1
Pin State
PDIV0
Pin State
Advertised PDP (Pow-
er Delivery Power)
1
1
1
100% of TrimPDP
1
1
0
87.5% of TrimPDP
1
0
1
75% of TrimPDP
1
0
0
62.5% of TrimPDP
0
1
1
50% of TrimPDP
0
1
0
37.5% of TrimPDP
0
0
1
25% of TrimPDP
0
0
0
12.5% of TrimPDP
In all the above calculations, no Advertised PDP will ever
go below 16 W minimum if in a USB PD contract. For
example, if TrimPDP=100 and when PDIV0, PDIV1 and
PDIV2
pins
are
available
and
they
are
[PDIV2:PDIV1:PDIV0] = 001 then Advertised PDP is
25 W (100W*25%). However if TrimPDP=60, then
Advertised PDP is 16 W not 15 W (60W*25%).
When any of these pins, PDIV0, PDIV1 and PDIV2 are
changed, the connected PD Sink has to ask for Source
Capabilities to get these new capabilities or if this Sink or the
FUSB3307 executes a Soft_Reset or Hard Reset which causes
the new advertised capabilities to be sent by the FUSB3307.
Alternatively recovery from any protection operation would
cause the FUSB3307 to advertise the new PDP values based
on the PDIV0, PDIV1 and PDIV2 pins setting.
Protection Operation
FUSB3307 has a number of ways it protects itself as
shown in Table 12.
Table 12. Protection Modes Available
Symbol
Description
Pin(s) Used
Package
OVP
Output Voltage Over Voltage Protection
VCC
SOIC & QFN
UVP
Output Voltage Under Voltage Protection
VCC
SOIC & QFN
OCP
Over Current Protection
IS+ & IS−
SOIC & QFN
I_OTP
Internal Over Temperature Protection
none
SOIC & QFN
E_OTP
External Over Temperature Protection
NTC
QFN only
CC_OVP
CC1 or CC2 Over Voltage Protection
CC1 / CC2
SOIC & QFN
VCONN_OCP
CC1 or CC2 VCONN Over Current Protection
CC1 / CC2
SOIC & QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com