Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS595DYY Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74HCS595DYY
Description  SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS595DYY Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HCS595DYY Datasheet HTML 7Page - Texas Instruments SN74HCS595DYY Datasheet HTML 8Page - Texas Instruments SN74HCS595DYY Datasheet HTML 9Page - Texas Instruments SN74HCS595DYY Datasheet HTML 10Page - Texas Instruments SN74HCS595DYY Datasheet HTML 11Page - Texas Instruments SN74HCS595DYY Datasheet HTML 12Page - Texas Instruments SN74HCS595DYY Datasheet HTML 13Page - Texas Instruments SN74HCS595DYY Datasheet HTML 14Page - Texas Instruments SN74HCS595DYY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
of driving larger currents than the device can sustain without being damaged. It is important for the output power
of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the
Absolute Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs should be left disconnected.
8.2.3 Latching Logic
This device includes latching logic circuitry. Latching circuits commonly include D-type latches and D-type
flip-flops, but include all logic circuits that act as volatile memory.
When the device is powered on, the state of each latch is unknown. There is no default state for each latch at
start-up.
The output state of each latching logic circuit only remains stable as long as power is applied to the device within
the supply voltage range specified in the Recommended Operating Conditions table.
8.2.4 Clamp Diode Structure
The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Electrical
Placement of Clamping Diodes for Each Input and Output.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage
to the device. The input and output voltage ratings may be exceeded if the input and output clamp-
current ratings are observed.
GND
Logic
Input
Output
VCC
Device
-IIK
+IIK
+IOK
-IOK
Figure 8-2. Electrical Placement of Clamping Diodes for Each Input and Output
8.3 Device Functional Modes
Function Table lists the functional modes of the SN74HCS595.
Table 8-1. Function Table
INPUTS
FUNCTION
SER
SRCLK
SRCLR
RCLK
OE
X
X
X
X
H
Outputs QA – QH are disabled
X
X
X
X
L
Outputs QA – QH are enabled.
X
X
L
X
X
Shift register is cleared.
L
↑
H
X
X
First stage of the shift register goes low. Other stages store the data
of previous stage, respectively.
H
↑
H
X
X
First stage of the shift register goes high. Other stages store the data
of previous stage, respectively.
X
X
H
↑
X
Shift-register data is stored in the storage register.
www.ti.com
SN74HCS595
SCLS803B – OCTOBER 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74HCS595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com