Electronic Components Datasheet Search
  English  ▼

X  

TM9926FS Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # TM9926FS
Description  Dual N-Channel 20-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TM9926FS Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  TM9926FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % Rg Tested
•
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.025 at VGS = 4.5 V
7.1
0.035 at VGS = 2.5 V
6.0
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Surface Mounted on FR4 board, t
≤ 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
7.1
A
TA = 70 °C
5.7
Pulsed Drain Current (10 µs Pulse Width)
IDM
40
Continuous Source Current (Diode Conduction)a
IS
1.7
Maximum Power Dissipationa
TA = 25 °C
PD
2
W
TA = 70 °C
1.3
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Maximum Junction-to-Ambienta
RthJA
62.5
°C/W
Dual N-Channel 20-V (D-S) MOSFET
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
TM9926FS
1


Similar Part No. - TM9926FS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TM9926FC VBSEMI-TM9926FC Datasheet
985Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - TM9926FS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
Dual N-Channel 20-V (D-S) MOSFET
12-Aug-02
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
05-Mar-01
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
Dual N-Channel 20 V (D-S) MOSFET
02-May-11
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
Dual N-Channel 20 V (D-S) MOSFET
08-Mar-10
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
Dual N-Channel 20-V (D-S) MOSFET
29-Dec-08
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
Dual N-Channel 20-V (D-S) MOSFET
27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UT6898G-S08-R VBSEMI-UT6898G-S08-R Datasheet
997Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
SPN9926AS8RGB VBSEMI-SPN9926AS8RGB Datasheet
986Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com