Electronic Components Datasheet Search
  English  ▼

X  

TM9926FS Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # TM9926FS
Description  Dual N-Channel 20-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TM9926FS Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  TM9926FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TM9926FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS - Drain-to-Source Voltage (V)
VGS = 5 V thru 3 V
2 V
1 V, 1.5 V
2.5 V
0.00
0.02
0.04
0.06
0.08
0.10
0
10203040
ID - Drain Current (A)
VGS = 2.5 V
VGS = 4.5 V
0
1
2
3
4
5
0
Qg - Total Gate Charge (nC)
VDS = 10 V
ID = 7.1 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
- 55 °C
25 °C
0
200
400
600
800
1000
04
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 7.1 A
TJ - Junction Temperature (°C)
2
4
6
8
10
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
TM9926FS
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com